RV2-50V100MU-R
AI

The **RV2-50V100MU-R** is a specific surface-mount (SMD) Aluminum Electrolytic Capacitor typically manufactured by Elna (though other manufacturers use similar naming conventions). It is designed for general-purpose electronic circuits where space-saving and reliability are required.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 10 µF (Microfarads) |
| **Voltage Rating** | 50V DC |
| **Tolerance** | ±20% (Standard M tolerance) |
| **Temperature Range** | -40°C to +85°C |
| **Form Factor** | SMD (Surface Mount Device) |
| **Size Code** | Usually 5mm x 5.3mm (varies by brand) |
| **Endurance** | 2,000 hours at 85°C |
---
### 2. Decoding the Part Number
Breaking down the nomenclature helps in identifying the component's characteristics:
* **RV2**: Series name (Standard 85°C Chip Type).
* **50V**: Rated Voltage (Maximum working voltage is 50 Volts).
* **100**: Capacitance Code. The first two digits are significant; the third is the multiplier (10 x 10^0 = 10µF).
* **M**: Tolerance code (±20%).
* **U**: Case size code or specialized packaging indicator.
* **-R**: Tape and Reel packaging (RoHS compliant).
---
### 3. Key Features
* **Surface Mount Design:** Optimized for automated pick-and-place assembly on PCBs.
* **Polarized:** This is an electrolytic capacitor; it has a specific positive (+) and negative (-) terminal. Reversing polarity will damage the component.
* **Low Profile:** Designed for vertical chip mounting to save board real estate.
* **RoHS Compliant:** Manufactured without lead or other hazardous substances.
---
### 4. Common Applications
This part is commonly found in a variety of electronic sectors:
1. **Consumer Electronics:** Filtering noise in power supplies for TVs and audio equipment.
2. **DC-DC Converters:** Providing smoothing for voltage regulation.
3. **Industrial Controls:** Coupling and decoupling signals in control boards.
4. **Automotive (Non-Safety):** Used in infotainment or lighting modules (provided temperature ratings are met).
---
- ⤷
What are the equivalent alternative part numbers for the RV2-50V100MU-R?
- ⤷ What is the physical footprint (land pattern) required for this SMD capacitor?
- ⤷ How does the ESR of this capacitor affect high-frequency switching circuits?