Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RV2-50V3R3MU-R

  • AI
    The **RV2-50V3R3MU-R** is a specific surface-mount (SMD) aluminum electrolytic capacitor. This component is widely used in power management and signal filtering due to its compact vertical (V-chip) design. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part number follows a standard coding convention used by manufacturers like **Elna** or similar electronic component providers. | Parameter | Specification | | :--- | :--- | | **Component Type** | Aluminum Electrolytic Capacitor | | **Mounting Type** | Surface Mount (SMD / V-Chip) | | **Capacitance** | 3.3 µF (Microfarads) | | **Voltage Rating** | 50V DC | | **Tolerance** | ±20% (Standard M tolerance) | | **Temperature Range** | -40°C to +85°C | | **Life Span** | Usually 1,000 to 2,000 hours at 85°C | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying equivalent parts: * **RV2**: Series code (indicates standard surface mount, general purpose). * **50V**: Rated Working Voltage (Maximum continuous voltage). * **3R3**: Capacitance value. "R" acts as a decimal point ($3.3$). * **M**: Tolerance code ($\pm20\%$). * **U**: Packaging/Case size code (varies by manufacturer, often refers to a specific diameter/height ratio). * **-R**: RoHS compliant and typically indicates Tape & Reel packaging. --- ### 3. Physical Attributes These parts are designed for automated "pick and place" assembly. * **Shape:** Cylindrical metal can sitting on a plastic square base. * **Polarity:** Polarized component. The top of the "can" usually features a black or colored stripe indicating the **Negative (-)** terminal. * **Footprint:** Often a $4\text{mm} \times 5.3\text{mm}$ or $5\text{mm} \times 5.3\text{mm}$ footprint depending on the specific "U" case designation. --- ### 4. Common Applications Due to its 50V rating and 3.3µF capacity, it is commonly found in: 1. **DC-DC Converters:** Small-scale voltage regulation and smoothing. 2. **Audio Circuits:** Used for coupling or decoupling where high precision is not the primary concern. 3. **Industrial Controls:** General-purpose bypass filtering on 24V or 36V power rails. 4. **Consumer Electronics:** Power supply filtering for household appliances. --- ### 5. Design Considerations * **Voltage Derating:** For better reliability and longevity, it is recommended to run the capacitor at $80\%$ or less of its rated voltage (e.g., use on a 40V rail or lower). * **Soldering:** Being an SMD electrolytic, it is sensitive to heat. It is designed for Reflow Soldering profiles; excessive manual heat can damage the internal seal. * **ESR (Equivalent Series Resistance):** This is a general-purpose part; it will have a higher ESR compared to "Low ESR" or "Polymer" series. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the 'U' case size for this capacitor?
    • ⤷ Can this capacitor be used in a high-frequency switching power supply?
    • ⤷ What are the recommended alternatives if I need a longer lifespan than 2
    • ⤷000 hours?