RV2-50VR47MU-R
AI

The **RV2-50VR47MU-R** is a specific part number for a surface-mount (SMT) Aluminum Electrolytic Capacitor. These components are primarily used for energy storage, filtering, and decoupling in electronic circuits where space is at a premium.
---
### 1. Technical Specifications
Based on the standard naming conventions for electronic components (likely manufactured by brands like **Elna** or **ELNA America**), here is the breakdown of its specifications:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Aluminum Electrolytic | Uses an electrolyte liquid/gel for high capacitance. |
| **Mounting Type** | SMD/SMT | Designed for automated "pick and place" assembly. |
| **Capacitance** | 0.47 µF | The amount of electrical charge it can store. |
| **Voltage Rating** | 50V | The maximum continuous DC voltage it can handle. |
| **Tolerance** | ±20% (M) | The allowable deviation from the nominal capacitance. |
| **Series** | RV2 | Indicates a standard vertical chip type (85°C rated). |
| **Packaging** | Tape & Reel (-R) | Provided on a reel for high-speed manufacturing. |
---
### 2. Part Number Deciphering
To understand the component better, we can break down the alphanumeric code:
* **RV2**: Series name (Vertical Chip type, general purpose).
* **50**: Rated Voltage (50 Volts).
* **V**: Voltage Code.
* **R47**: Capacitance value (R acts as a decimal point, so 0.47µF).
* **M**: Tolerance code (±20%).
* **U**: Case size/Dimension code.
* **-R**: Packaging suffix (Reel).
---
### 3. Key Characteristics and Applications
* **Size:** As a "Vertical Chip" (V-Chip), it has a small cylindrical body sitting on a square plastic base.
* **Temperature Range:** Typically rated for operation between **-40°C and +85°C**.
* **Polarity:** Like most electrolytic capacitors, this is a **polarized** component. The negative terminal is usually marked with a black stripe on the top of the casing.
* **Usage:**
* **Coupling/Decoupling:** Blocking DC while allowing AC signals to pass.
* **Filtering:** Removing noise from power supply lines in consumer electronics.
* **Timing Circuits:** Used in circuits where a specific discharge rate is required.
---
### 4. Comparison with Alternatives
| Feature | RV2 (Electrolytic) | Ceramic (MLCC) |
| :--- | :--- | :--- |
| **Stability** | Moderate | High |
| **Polarity** | Polarized (Must be correct) | Non-polarized |
| **Cost** | Low for high voltage | High for high voltage |
| **Lifetime** | Limited (Electrolyte dries out) | Very Long |
- ⤷
What are the physical dimensions of the 'U' case size for this capacitor?
- ⤷ Can this capacitor be replaced with a ceramic capacitor of the same value?
- ⤷ What is the expected load life in hours for the RV2 series?