RVC-50V220MF80UN-R2
AI

The part number **RVC-50V220MF80UN-R2** refers to a high-quality surface-mount (SMD) aluminum electrolytic capacitor. Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's core physical and electrical properties:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **RVC** | Series Code | Vertical Chip Type (Standard/Low Impedance) |
| **50V** | Rated Voltage | 50 Volts (DC) |
| **220M** | Capacitance | 22 µF (M denotes ±20% tolerance) |
| **F80** | Case Size | Diameter 6.3mm × Length 7.7mm (approx.) |
| **UN** | Internal Code | Features/Standard specific to manufacturer |
| **R2** | Packaging | Tape & Reel (T&R) for automated assembly |
---
### 2. Technical Specifications
This component is designed for modern PCB manufacturing, prioritizing space efficiency and stability.
* **Capacitance:** 22 µF
* **Tolerance:** ±20% at 120Hz, 20°C
* **Voltage Rating:** 50V DC (Maximum working voltage)
* **Operating Temperature:** Typically -40°C to +85°C or +105°C (depending on specific RVC series sub-tier).
* **Endurance:** Often rated for 2,000 hours at its maximum temperature.
* **Form Factor:** V-Chip (SMD).
---
### 3. Key Electronic Functions
In a circuit, this capacitor serves several critical roles:
1. **Filtering:** Smoothes out voltage ripples in power supply circuits (DC-DC converters).
2. **Decoupling:** Provides a local energy reservoir to prevent voltage drops when integrated circuits (ICs) switch states rapidly.
3. **Bypass:** Diverts high-frequency noise to the ground, protecting sensitive components.
4. **Coupling:** Blocks DC signals while allowing AC signals to pass between different stages of an amplifier or signal processor.
---
### 4. Physical Dimensions (Typical for F80 Size)
| Dimension | Measurement (mm) |
| :--- | :--- |
| **Diameter (D)** | 6.3 mm |
| **Height (L)** | 7.7 mm |
| **Pad Size (A×B)** | ~6.6 mm × 6.6 mm |
---
### 5. Application Areas
* **Consumer Electronics:** Power adapters, LED lighting drivers.
* **Automotive:** Infotainment systems and non-safety critical sensor modules.
* **Industrial:** Control boards and telecommunications equipment.
- ⤷
What are the equivalent alternative series for the RVC series if this part is out of stock?
- ⤷ How does the ESR value of this capacitor affect its performance in high-frequency switching power supplies?
- ⤷ What are the soldering profile requirements for the R2 packaging of this SMD component?