Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RVO-25V331MH10EU-R2

  • AI
    The part number **RVO-25V331MH10EU-R2** refers to a specific Aluminum Electrolytic Capacitor, typically manufactured by brands like Elna or similar electronic component specialists. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. Specification Breakdown The alphanumeric code follows a standard industry naming convention for surface-mount (SMD) capacitors. | Part Segment | Specification | Meaning | | :--- | :--- | :--- | | **RVO** | Series Code | Vertical Chip Type (SMD), Standard/General Purpose. | | **25V** | Voltage Rating | Maximum working voltage of **25 Volts DC**. | | **331** | Capacitance | **330 µF** (33 followed by 1 zero, in picofarads/microfarads context). | | **M** | Tolerance | **±20%** (Standard for electrolytic capacitors). | | **H10** | Case Size Code | Refers to physical dimensions (typically **8mm x 10mm** or **10mm x 10mm**). | | **EU** | Environmental | RoHS compliant / Lead-free materials. | | **R2** | Packaging | Taped and Reeled for automated assembly. | --- ### 2. Technical Characteristics * **Type:** Aluminum Electrolytic Capacitor (Polarized). * **Mounting Type:** SMD (Surface Mount Device) / V-Chip. * **Operating Temperature:** Usually rated for **-40°C to +85°C** (Standard) or **+105°C** depending on the specific sub-series. * **Capacitance:** 330 Microfarads (µF). * **Polarity:** Must be installed correctly (marked with a black stripe on the top of the casing indicating the negative terminal). --- ### 3. Applications and Usage This specific part is widely used in power management and signal processing due to its medium capacitance and voltage rating. * **Smoothing:** Used in DC-DC converters to reduce voltage ripple. * **Bypassing:** Filtering high-frequency noise from power supply lines. * **Energy Storage:** Providing temporary power for short-term load spikes in consumer electronics. * **Common Devices:** Found in laptop motherboards, automotive infotainment systems, and telecommunications equipment. --- ### 4. Handling Precautions When working with the RVO series, consider the following: 1. **Reflow Soldering:** As an SMD component, it is designed for reflow soldering. Ensure the temperature profile does not exceed the component's maximum heat tolerance. 2. **Polarity:** Reversing the voltage can cause the internal pressure relief vent to open or the capacitor to fail catastrophically. 3. **Shelf Life:** Electrolytic capacitors can "dry out" or degrade over several years if stored in high-temperature environments.
    ✨ Follow-up Questions
    • ⤷What is the ripple current rating for this 330uF capacitor?
    • ⤷ Are there low-ESR alternatives in the same footprint?
    • ⤷ What is the specific diameter and height for the H10 case size?