RVR-10V151MF61U-R2
AI

The part number **RVR-10V151MF61U-R2** identifies a high-quality Surface Mount (SMD) Aluminum Electrolytic Capacitor, typically manufactured by ELNA (or part of their RVR series). These components are designed for high-density electronic circuits requiring long-term reliability and low impedance.
---
### 1. Technical Specifications
Below is a breakdown of the core electrical and physical parameters:
| Parameter | Value / Specification |
| :--- | :--- |
| **Capacitance** | 150 µF |
| **Rated Voltage** | 10 VDC |
| **Tolerance** | ±20% (M) |
| **Temperature Range** | -40°C to +105°C |
| **Endurance** | 2,000 to 5,000 hours (depending on specific RVR sub-series) |
| **Package Type** | SMD (Chip Type) |
| **Case Size (Code)** | F61 (Approx. 6.3mm diameter x 5.8mm height) |
---
### 2. Part Number Breakdown
Understanding the alphanumeric code helps in identifying the specific characteristics:
* **RVR**: The Series name (Low Impedance, 105°C Vertical Chip type).
* **10V**: Rated Working Voltage (10 Volts).
* **151**: Capacitance code. The first two digits (15) are the value, and the third (1) is the multiplier ($15 \times 10^1 = 150$ µF).
* **M**: Capacitance Tolerance ($\pm 20\%$).
* **F61**: Case Size code (Determines the physical diameter and height).
* **U-R2**: Packaging and Lead-free/RoHS compliance markers (usually indicates Tape & Reel).
---
### 3. Key Features and Applications
#### Key Features
* **Low Impedance:** Specifically engineered to provide low resistance at high frequencies, making it efficient for power filtering.
* **Reflow Soldering Compatible:** Designed to withstand the high temperatures of automated SMD assembly lines.
* **Compact Form Factor:** The "Vertical Chip" design saves significant PCB real estate compared to through-hole radial capacitors.
#### Common Applications
* **Power Supplies:** Used in DC-DC converters and switching regulators for smoothing output voltage.
* **Automotive Electronics:** Suitable for infotainment systems or sensor modules due to the 105°C temperature rating.
* **Consumer Electronics:** Found in laptops, tablets, and gaming consoles where space is limited but high capacitance is required.
---
### 4. Handling and Soldering
When using the **F61** size SMD capacitor:
1. **Polarity:** These are polarized components. Ensure the dark stripe on the top of the casing aligns with the negative (-) terminal on the PCB.
2. **Baking:** If the components have been exposed to humidity for a long period, "pre-baking" may be required to prevent the "popcorn effect" during reflow.
3. **Shelf Life:** Electrolytic capacitors can dry out over many years; always check the manufacturing date code for long-term storage parts.
- ⤷What are the specific ESR (Equivalent Series Resistance) values for this RVR series?
- ⤷ Can this capacitor be used in 12V automotive power rails?
- ⤷ What are the recommended reflow soldering profiles for the F61 case size?