RVR-16V221MF80UN-R2
AI

The part number **RVR-16V221MF80UN-R2** refers to an Aluminum Electrolytic Capacitor, specifically a Surface Mount (SMD) type. This component is commonly used in power management and filtering circuits.
---
### 1. Part Number Breakdown
Based on standard industry naming conventions for Elna or similar manufacturers (e.g., the RVR series), here is the breakdown:
| Segment | Value | Description |
| :--- | :--- | :--- |
| **RVR** | Series | Low impedance, surface mount aluminum electrolytic capacitor. |
| **16V** | Voltage | Rated Voltage: **16 Volts DC**. |
| **221** | Capacitance | **220 µF** (22 followed by 1 zero). |
| **M** | Tolerance | **±20%** (Standard for electrolytic caps). |
| **F80** | Case Size | Often corresponds to **6.3mm x 7.7mm** (Diameter x Height). |
| **UN** | Special Code | Usually denotes specific internal design or lead-free status. |
| **R2** | Packaging | **Taping and Reel** (Large quantity packaging). |
---
### 2. Technical Specifications
These are the typical performance characteristics for the RVR series:
* **Capacitance:** 220 Microfarads (µF).
* **Operating Temperature Range:** -40°C to +105°C (Standard industrial grade).
* **Endurance:** Typically 2,000 hours at 105°C.
* **Polarity:** Polarized (must be installed in the correct orientation).
* **Mounting Type:** SMD (Surface Mount Device) / V-Chip.
---
### 3. Key Features and Applications
The "RVR" series is generally characterized by **low impedance**, making it suitable for high-frequency applications.
#### Common Uses:
* **DC-DC Converters:** Filtering input and output ripples.
* **Motherboards:** Power stabilization for chipsets.
* **Automotive Electronics:** Used in infotainment or control modules (if AEC-Q200 qualified).
* **Telecommunications:** Noise reduction in signal paths.
---
### 4. Schematic Representation
In a circuit diagram, this component is represented as a polarized capacitor:
```text
(+) --| |-- (-)
| |
(Anode) (Cathode)
```
---
- ⤷
What are the alternative components with similar low-impedance ratings?
- ⤷ Can this capacitor be used in automotive applications requiring AEC-Q200 standards?
- ⤷ How do I identify the negative terminal (cathode) on this SMD package?