RVR-35V101MF80UN-R2
AI

The part number **RVR-35V101MF80UN-R2** refers to an Aluminum Electrolytic Capacitor, specifically designed for Surface Mount (SMD) applications. This component is typically manufactured by ELNA (or similar high-quality passive component manufacturers) and is part of a low-impedance or vertical chip series.
---
### 1. Specification Breakdown
The alphanumeric code provides specific details regarding the component's electrical and physical properties:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **RVR** | Series Code | Low impedance, long life, or vertical chip type |
| **35V** | Rated Voltage | **35 Volts DC** (Maximum operating voltage) |
| **101** | Capacitance | **100 µF** (10 followed by 1 zero, in picofarads) |
| **M** | Tolerance | **±20%** (Standard for electrolytic caps) |
| **F80** | Case Size | Refers to dimensions (typically **6.3mm x 7.7mm**) |
| **UN** | Packaging/Special | High-temperature or specific terminal plating |
| **R2** | Taping | **Tape & Reel** (Standard for automated pick-and-place) |
---
### 2. Key Technical Features
* **Capacitance:** 100 microfarads (µF).
* **Voltage Rating:** 35V DC (Suitable for 12V or 24V power rails).
* **Form Factor:** SMD (Surface Mount Device), V-Chip style.
* **Polarity:** Polarized (Has a specific negative/positive orientation).
* **Temperature Range:** Generally rated for **-40°C to +105°C**, making it suitable for industrial use.
---
### 3. Common Applications
These capacitors are used in power management circuits where space is limited but high reliability is required:
1. **DC-DC Converters:** Filtering input and output noise.
2. **Automotive Electronics:** Used in infotainment and control modules due to vibration resistance.
3. **Consumer Electronics:** Motherboards, chargers, and LED drivers.
4. **Telecommunications:** Signal coupling and decoupling in base stations.
---
### 4. Comparison with Standard Capacitors
Compared to general-purpose radial capacitors, the **RVR-35V101MF80UN-R2** offers:
* **Lower ESR:** Reduced equivalent series resistance for better efficiency at high frequencies.
* **Automated Assembly:** The V-Chip design allows for high-speed SMT soldering.
* **Reflow Stability:** Designed to withstand the high temperatures of infrared or convection reflow ovens.
- ⤷
What are the equivalent alternative part numbers for this capacitor?
- ⤷ How do I identify the polarity of this SMD capacitor on a PCB?
- ⤷ What is the expected lifespan (hours) of this component at 105°C?