RVR-35V680MF80U-R2
AI

The part number **RVR-35V680MF80U-R2** corresponds to a specific Aluminum Electrolytic Capacitor, typically manufactured by brands like ELNA (often part of their RVR series). These are surface-mount (SMD) components designed for high reliability and vertical mounting.
---
### Technical Specifications Breakdown
The alphanumeric code contains specific data regarding the component's performance and physical dimensions:
| Parameter | Value / Detail | Explanation |
|:---|:---|:---|
| **Series** | RVR | Chip Type, high temperature, long life (often 105°C). |
| **Voltage** | 35V | Rated Working Voltage (DC). |
| **Capacitance** | 680µF | Capacitance value (68 followed by one zero). |
| **Tolerance** | M | ±20% (Standard industry tolerance). |
| **Case Size** | F80 | Refers to the diameter and height (e.g., 8mm x 10mm). |
| **Packaging** | U-R2 | Taping and Reeling specifications for automated SMT assembly. |
---
### Key Electronic Characteristics
1. **Electrolytic Nature:** It is a polarized component. It must be installed with the correct orientation (positive and negative terminals) to avoid failure or explosion.
2. **ESR (Equivalent Series Resistance):** As an RVR series part, it is designed to have relatively low ESR to handle ripple currents efficiently without excessive self-heating.
3. **Temperature Rating:** Typically rated for operation up to **105°C**, making it suitable for automotive or industrial power supplies.
4. **Form Factor:** This is a **V-chip** style SMD. It features a flat base (plastic platform) that allows it to be soldered directly onto the surface of a PCB via reflow soldering.
---
### Common Applications
These capacitors are generally found in circuits requiring bulk energy storage and noise filtering:
* **DC-DC Converters:** Smoothing output voltage.
* **Automotive Electronics:** Infotainment systems or ECU power filtering.
* **Telecommunications:** Power regulation in base stations or routers.
* **Consumer Electronics:** High-density power boards where vertical space is available but horizontal footprint must be minimized.
---
### Handling and Soldering Precautions
* **Reflow Profile:** Ensure the soldering temperature profile matches the manufacturer's specification to prevent the electrolyte from boiling or the seal from rupturing.
* **Polarity Mark:** Look for the darkened or marked "half-moon" on the top of the aluminum can; this indicates the **negative (-)** terminal.
- ⤷
What are the equivalent alternative series for this capacitor?
- ⤷ How do I calculate the ripple current limit for this specific model?
- ⤷ What is the expected lifespan of this capacitor at 85°C versus 105°C?