RVR-4V221MF61U-R2
AI

The **RVR-4V221MF61U-R2** is a surface-mount (SMD) aluminum electrolytic capacitor produced by **ELNA**. This specific part belongs to the **RVR series**, which is characterized by its high temperature resistance and low impedance properties.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Aluminum Electrolytic Capacitor (SMD) |
| **Capacitance** | 220 µF |
| **Rated Voltage** | 4V DC |
| **Tolerance** | ±20% at 120Hz, 20°C |
| **Operating Temperature** | -40°C to +105°C |
| **Case Size Code** | F61 (typically 6.3mm diameter x 5.8mm height) |
| **Series** | RVR (Low Impedance / High Reliability) |
| **Endurance** | 2,000 hours at 105°C |
---
### 2. Part Number Breakdown
The alphanumeric code follows ELNA's standard naming convention:
1. **RVR**: Series name (Vertical Chip, Low Impedance).
2. **4V**: Rated Working Voltage (4 Volts).
3. **221**: Capacitance code (22 followed by 1 zero = 220µF).
4. **M**: Tolerance code (M = ±20%).
5. **F61**: Case Size dimensions (Diameter x Length).
6. **U**: Packaging style (typically relates to taping/reeling).
7. **R2**: RoHS compliance / Revision code.
---
### 3. Key Applications
Because this capacitor is designed for low impedance and high temperature, it is commonly found in:
* **Power Supplies:** Filtering and smoothing in DC-DC converters.
* **Consumer Electronics:** Laptop motherboards and high-density PCB designs.
* **Telecommunications:** Network routers and switching equipment where space is limited.
---
### 4. Comparison: Standard vs. RVR Series
| Feature | Standard (e.g., RV Series) | RVR Series |
| :--- | :--- | :--- |
| **Impedance** | High | Low |
| **Reflow Soldering** | Standard | Lead-free compatible |
| **Life Span** | 1000 - 2000 hours | 2000 hours (enhanced stability) |
- ⤷
What are the recommended reflow soldering profiles for this capacitor?
- ⤷ Can I substitute this with a higher voltage rating like 6.3V or 10V?
- ⤷ What is the specific ESR (Equivalent Series Resistance) value for the F61 case size?