RVR-4V331MG68U-R2
AI

The part number **RVR-4V331MG68U-R2** refers to a specific Surface Mount (SMD) Aluminum Electrolytic Capacitor. This component is designed for power management and filtering in compact electronic circuits.
---
### 1. Technical Specifications Table
Based on standard industry nomenclature for this series, here are the primary technical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 330 µF (Microfarads) |
| **Voltage Rating** | 4V DC |
| **Capacitance Tolerance** | ±20% (Standard M tolerance) |
| **Temperature Range** | -40°C to +85°C (Standard) / +105°C (High Temp) |
| **Package / Case** | SMD (V-Chip) |
| **Dimensions (D x L)** | Approximately 6.3mm x 7.7mm |
| **Termination** | Radial Lead-less (Surface Mount) |
---
### 2. Breakdown of the Part Number
The alphanumeric code can be decoded as follows:
* **RVR**: Series prefix (typically indicating a specific manufacturer series like Elna or similar equivalents focusing on low profile/low ESR).
* **4V**: Rated Voltage (4 Volts).
* **331**: Capacitance value in pF. The first two digits are significant figures, the third is the multiplier. ($33 \times 10^1 = 330$ µF).
* **M**: Tolerance code (M = ±20%).
* **G68**: Case size code (Standardized dimensions for diameter and height).
* **U-R2**: Packaging/Tape and Reel suffix (indicates how the parts are wound for automated assembly).
---
### 3. Key Applications
This capacitor is commonly used in low-voltage digital circuits where space is limited. Typical use cases include:
1. **Bypassing/Decoupling:** Removing noise from power supply lines near ICs.
2. **Smoothing:** Reducing ripple current in DC-DC converters.
3. **Consumer Electronics:** Found in laptops, tablets, and peripheral devices due to the low-profile SMD design.
---
### 4. Installation & Handling
* **Polarity:** As an electrolytic capacitor, it is **polarized**. The top of the casing usually features a dark mark (usually black or blue) indicating the **negative (-)** terminal.
* **Soldering:** Designed for Lead-Free Reflow soldering processes. Ensure the thermal profile does not exceed the component's maximum heat rating to avoid electrolyte leakage.
- ⤷
What are the equivalent alternative part numbers for this capacitor?
- ⤷ Can I use a capacitor with a higher voltage rating (e.g.
- ⤷ 6.3V) as a replacement?
- ⤷ How does the ESR of this RVR series compare to standard electrolytic capacitors?