RVT-50V100MF61U-R2
AI

The **RVT-50V100MF61U-R2** is a surface-mount (SMD) aluminum electrolytic capacitor. This specific part number follows the standard naming convention for parts often manufactured by brands like Elna or Lelon, characterized by high reliability and a vertical chip design.
---
### ## Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Capacitance** | 10 µF |
| **Voltage Rating** | 50V DC |
| **Type** | Aluminum Electrolytic (SMD Type) |
| **Series** | RVT (Standard/General Purpose) |
| **Tolerance** | ±20% (M) |
| **Operating Temp Range** | -55°C to +105°C |
| **Dimensions (D x L)** | 6.3mm x 5.4mm (approx. Case Code: F61) |
| **Mounting Type** | Surface Mount (V-Chip) |
---
### ### Key Characteristics
1. **V-Chip Construction:** The "F61" in the part number refers to the physical dimensions and the "Vertical Chip" design. This allows for automated pick-and-place assembly on PCBs.
2. **Temperature Resilience:** Rated up to **105°C**, making it suitable for automotive and industrial environments where standard 85°C capacitors might fail.
3. **Standard ESR:** As a general-purpose RVT series component, it offers a balance between cost and performance for filtering and decoupling.
---
### ### Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **RVT** | Series name (High temperature, SMD type) |
| **50V** | Rated Working Voltage (50 Volts) |
| **100** | Capacitance code (10 + 0 zeros = 10µF) |
| **M** | Tolerance (±20%) |
| **F61** | Case Size code (6.3mm diameter) |
| **U** | Packaging/Internal specific code |
| **R2** | Tape and Reel specification (typically 13-inch reel) |
---
### ### Typical Applications
* **DC-DC Converters:** For input/output smoothing.
* **Consumer Electronics:** Power supply decoupling in LED TVs and monitors.
* **Automotive:** Non-safety critical infotainment systems.
* **Telecommunications:** Noise filtering in signal processing units.
- ⤷
What are the equivalent alternatives for the RVT series from other manufacturers?
- ⤷ How does the ripple current rating affect the lifespan of this capacitor?
- ⤷ Can this capacitor be used in lead-free reflow soldering processes?