RWS600B-48-R
AI

The **RWS600B-48-R** is a high-reliability, industrial-grade AC-DC power supply manufactured by TDK-Lambda. It is part of the RWS-B series, designed for long life and efficiency.
---
### 1. Key Technical Specifications
The "48" in the model number indicates the output voltage, and the "R" suffix typically denotes the Remote On/Off functionality.
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 85 - 265 VAC (Universal Input) |
| **Output Voltage** | 48 VDC |
| **Max Output Current** | 13.0 A |
| **Max Output Power** | 624 W |
| **Efficiency** | ~89% (Typical at 200VAC) |
| **Cooling** | Internal forced air (Built-in Fan) |
---
### 2. Core Electronic Components & Architecture
The RWS600B uses a modern switching power supply (SMPS) topology consisting of several critical stages:
#### A. Input Filter & Protection
* **EMI Filter:** A network of X/Y capacitors and common-mode chokes to reduce electromagnetic interference.
* **Inrush Current Limiter:** Thermistors or resistors that prevent large current spikes when the device is first plugged in.
* **Active PFC (Power Factor Correction):** Uses a boost converter circuit to ensure the power factor is high (typically >0.95), reducing harmonic distortion on the AC line.
#### B. DC-DC Conversion Stage
* **Switching MOSFETs:** High-speed transistors that chop the rectified DC voltage into high-frequency AC.
* **High-Frequency Transformer:** Provides galvanic isolation between the primary (AC) and secondary (DC) sides while stepping down the voltage.
* **Schottky/Fast Recovery Diodes:** Used on the output stage to rectify the high-frequency AC back into smooth 48V DC.
#### C. Control and Monitoring
* **PWM Controller IC:** The "brain" that regulates the output voltage by adjusting the duty cycle of the switching MOSFETs.
* **Optoisolators:** Provide feedback from the 48V output back to the primary controller while maintaining electrical isolation.
* **Remote On/Off Circuit ("-R" Option):** An auxiliary circuit that allows the user to enable or disable the main output using an external signal without disconnecting the AC power.
---
### 3. Protection Features
The internal electronics are designed to shut down or limit power under the following conditions:
* **Over Current Protection (OCP):** Constant current limiting with automatic recovery.
* **Over Voltage Protection (OVP):** Shuts down the unit if the output exceeds approximately 55.2V – 64.8V.
* **Over Temperature Protection (OTP):** Protects the internal semiconductors if the fan fails or the ambient temperature is too high.
---
### 4. Physical Layout
* **Capacitors:** High-quality electrolytic capacitors rated for 105°C are used to ensure the 10-year design life.
* **Terminal Block:** Heavy-duty screw terminals for high-current DC output.
* **Potentiometer:** A small trimmer (V.ADJ) near the terminals allows for fine-tuning the 48V output (typically ±10%).
- ⤷
How does the 'Remote On/Off' wiring differ from standard models?
- ⤷ What is the expected MTBF (Mean Time Between Failures) for the RWS600B series?
- ⤷ Can this power supply be connected in parallel for higher current requirements?