RXM2AB1P7
AI

The **RXM2AB1P7** is a specific model of a miniature plug-in relay from the **Zelio Relay RXM** range, manufactured by Schneider Electric. This component is widely used in industrial automation for signal switching and electrical isolation.
---
### ## Technical Specifications Breakdown
The following table outlines the primary electronic and physical characteristics of the RXM2AB1P7:
| Feature | Specification |
| :--- | :--- |
| **Coil Voltage** | 230 V AC (50/60 Hz) |
| **Contact Configuration** | 2 C/O (Double Pole Double Throw - DPDT) |
| **Rated Current ($I_{th}$)** | 12 A |
| **Control Type** | Lockable test button |
| **Status Indication** | Mechanical indicator + LED |
| **Shape of Pin** | Flat (Plug-in) |
| **Maximum Switching Voltage** | 250 V AC / 28 V DC |
| **Electrical Durability** | 100,000 cycles (Resistive load) |
---
### ## Component Anatomy & Features
#### 1. The Coil (Actuator)
The **P7** suffix in the part number designates the coil voltage as **230V AC**. When this voltage is applied to pins 13 and 14, an electromagnetic field is generated, pulling the armature to switch the contacts.
#### 2. The Contacts (Switching Element)
* **2 C/O:** This means the relay has two independent sets of changeover contacts.
* **DPDT Logic:** Each set has a Common (COM), a Normally Closed (NC), and a Normally Open (NO) terminal.
* **Material:** Typically silver alloy (AgNi), providing a balance between conductivity and resistance to contact welding.
#### 3. Diagnostic & Manual Overrides
* **LED Indicator:** A green LED lights up when the coil is energized, allowing for quick visual troubleshooting.
* **Mechanical Indicator:** A small window shows the physical position of the contacts.
* **Test Button:** A turquoise button allows technicians to manually force the contacts to close to test the downstream circuit without energizing the coil.
---
### ## Pin Configuration (Standard RXM Layout)
| Pin Numbers | Function |
| :--- | :--- |
| **13 - 14** | Coil Power (230V AC) |
| **9 - 1** | Contact Set 1 (Common - NC) |
| **9 - 5** | Contact Set 1 (Common - NO) |
| **12 - 4** | Contact Set 2 (Common - NC) |
| **12 - 8** | Contact Set 2 (Common - NO) |
---
### ## Application Use Cases
* **Industrial Control Panels:** Interfacing between a PLC (Programmable Logic Controller) and high-power loads.
* **Safety Isolation:** Isolating low-voltage control circuits from high-voltage power circuits.
* **Signal Multiplication:** Using one input signal to switch two independent circuits simultaneously.
- ⤷
What is the difference between the RXM2AB1P7 and the RXM4AB1P7?
- ⤷ Which sockets are compatible with this specific relay model?
- ⤷ What are the power consumption levels for the 230V AC coil?