Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • S01LED

  • AI
    The **S01LED** is typically a part number associated with high-efficiency, surface-mount (SMD) LED components or specific LED modules used in signal lighting and instrumentation. Below is a breakdown of its electronic characteristics and common specifications. ## 1. Technical Specifications The S01LED series usually falls under the category of **PLCC-2** or **0805** package sizes, depending on the manufacturer. | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Forward Voltage ($V_f$)** | 2.0 - 3.2 (Color dependent) | Volts (V) | | **Forward Current ($I_f$)** | 20 | Milliamps (mA) | | **Luminous Intensity** | 100 - 500 | Millicandela (mcd) | | **Viewing Angle** | 120 | Degrees (°) | | **Operating Temp** | -40 to +85 | Celsius (°C) | --- ## 2. Key Electronic Components & Features ### A. Semiconductor Die The core of the S01LED is the semiconductor chip. The material determines the color: * **InGaN (Indium Gallium Nitride):** Used for Blue, White, and True Green. * **AlGaInP (Aluminium Gallium Indium Phosphide):** Used for Red, Orange, and Yellow. ### B. Encapsulation The "S01" designation often refers to a specific mold type. It uses a **Clear or Diffused Epoxy resin** to protect the internal gold wire bonds from oxidation and physical damage. ### C. Polarity Indicators Electronic LEDs are diodes, meaning they only allow current to flow in one direction. * **Anode (+):** The positive lead. * **Cathode (-):** The negative lead, usually marked with a green stripe or a notched corner on the SMD package. --- ## 3. Application Circuit Diagram To prevent the LED from burning out, a **Current Limiting Resistor** ($R$) must be used in series. ```cpp // Basic Calculation for Resistor: // R = (V_source - V_forward) / I_forward [Source Voltage] ---- [Resistor] ---- [S01LED Anode] | [S01LED Cathode] ---- [GND] ``` --- ## 4. Usage Considerations * **Thermal Management:** While S01LEDs are low power, dense arrays require heat dissipation (thermal vias) on the PCB to prevent "color shift" or premature failure. * **ESD Sensitivity:** Like most SMD semiconductors, these parts are sensitive to Electrostatic Discharge. Handling should be done in an ESD-safe environment.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resistor value for an S01LED if my power source is 5V?
    • ⤷ What are the common color codes for S01LED packages?
    • ⤷ Is the S01LED compatible with PWM dimming circuits?