S02-05-R
AI

Based on the part number **S02-05-R**, this is typically identified as a **Surface Mount Device (SMD) Shield Clip** manufactured by **Harwin**. These components are used in electromagnetic compatibility (EMC) design to ground shielding cans to a Printed Circuit Board (PCB).
---
## 1. Technical Specifications
The S02-05-R is part of the EZ-BoardWare range. Below are the key electrical and physical specifications:
| Feature | Specification |
| :--- | :--- |
| **Material** | Beryllium Copper |
| **Finish** | Tin over Nickel |
| **Shield Thickness Compatibility** | 0.13mm to 0.23mm |
| **Current Rating** | Data not applicable (mechanical grounding) |
| **Mounting Type** | Surface Mount (SMT) |
| **Packaging** | Tape & Reel (indicated by the "-R" suffix) |
---
## 2. Key Functions
The primary role of this electronic part is to simplify the assembly and maintenance of RF (Radio Frequency) shielding.
* **RF Shielding Attachment:** It acts as a mechanical retainer for metal shield cans (RFI shields). Instead of soldering the can directly to the PCB, the clips are soldered first.
* **Grounding Path:** It provides a low-impedance electrical path between the shield can and the PCB ground plane to suppress EMI (Electromagnetic Interference).
* **Reworkability:** Because the shield can is "clipped" in rather than soldered, technicians can easily remove the shield to access components underneath for repair or testing.
---
## 3. Physical Layout & Dimensions
The S02-05-R is a "mini" clip designed to save space on high-density boards.
* **Footprint:** Typically requires a small rectangular solder pad.
* **Profile:** Low profile to minimize the total height of the assembly.
* **Design:** Features a spring-finger mechanism that grips the side of the metal shield wall.
---
## 4. Soldering Guidelines
As an SMT component, the S02-05-R follows standard reflow soldering processes:
```text
Recommended Reflow Profile:
- Pre-heat: 150°C to 200°C
- Peak Temperature: 260°C (Lead-Free)
- Cooling: Natural or controlled at 3°C/sec
```
---
- ⤷
What are the advantages of using shield clips over soldering the shield directly to the PCB?
- ⤷ How many S02-05-R clips are typically needed to secure a standard square shield can?
- ⤷ What is the compatible thickness range for the metal cans used with this clip?