S02-07-R-92
AI

The **S02-07-R-92** is a specific part number belonging to the **S02 series** manufactured by **TE Connectivity (Raychem)**. These components are technically known as **SolderSleeve Shield Terminators**.
They are designed to provide a permanent, insulated, and strain-relieved electrical connection between a braid (shield) of a coaxial cable or shielded wire and a ground lead.
---
### 1. Technical Specifications
The part number encodes specific dimensions and material properties. Here is the breakdown of the physical and electrical characteristics:
| Feature | Specification |
|:---|:---|
| **Manufacturer** | TE Connectivity / Raychem |
| **Product Type** | SolderSleeve Shield Terminator |
| **Material** | Polyvinylidene fluoride (PVDF) Heat-shrinkable sleeve |
| **Solder Type** | Sn63 Pb37 (with ROL1 flux) |
| **Temperature Range** | -55°C to +150°C |
| **Pre-installed Lead** | No (R-92 refers to the specific size/configuration) |
| **Environmental Protection** | Immersion resistant (Moisture/Waterproof) |
---
### 2. Component Composition
A SolderSleeve consists of four primary integrated elements:
1. **Heat-Shrinkable Sleeve:** Transparent plastic tubing that shrinks when heated to provide insulation and strain relief.
2. **Solder Preform:** A ring of solder (with flux) located in the center. When heated, it melts to create a 360-degree electrical bond between the shield and the ground wire.
3. **Thermoplastic Sealing Rings:** Colored rings at both ends of the sleeve that melt and flow to provide an environmental seal against moisture.
4. **Temperature Indicator (Optional):** Many in this series include a thermochromic dye that changes color when the correct soldering temperature has been reached.
---
### 3. Usage & Application
The **S02-07-R-92** is primarily used in aerospace, defense, and high-reliability industrial applications.
#### Installation Process:
* **Step 1:** The shield of the cable is stripped, and a ground wire is placed against it.
* **Step 2:** The SolderSleeve is slid over the junction.
* **Step 3:** A heat gun (reflow tool) is used to shrink the tubing and melt the solder.
* **Step 4:** The solder flows into the braid, creating a low-resistance connection, while the ends seal the assembly.
---
### 4. Advantages
* **Consistency:** Eliminates the variability of manual soldering.
* **Space Saving:** Low profile compared to traditional mechanical connectors.
* **Durability:** The PVDF sleeve provides high resistance to chemicals and abrasion.
* **Inspection:** The transparent sleeve allows for easy visual inspection of the solder joint.
- ⤷What are the specific wire diameter ranges for the S02-07 size?
- ⤷ What is the difference between the S01
- ⤷ S02
- ⤷ and S03 series SolderSleeves?
- ⤷ Does the S02-07-R-92 comply with MIL-SPEC standards like AS83519?