S03-01-R
AI

The term **S03-01-R** typically refers to a specific series of high-quality **surface-mount (SMD) RFI/EMI shielding clips**, most notably manufactured by companies like **Harwin**. These components are essential in modern PCB design for grounding and electromagnetic interference (EMI) management.
---
### 1. Technical Specifications
The S03-01-R is a small metal clip designed to hold a shielding can in place without the need for permanent soldering of the can itself.
| Attribute | Typical Specification |
| :--- | :--- |
| **Material** | Beryllium Copper or Phosphor Bronze |
| **Plating** | Tin or Gold over Nickel |
| **Mounting Type** | Surface Mount (SMT) |
| **Tape & Reel** | Yes (The "-R" suffix denotes Reel packaging) |
| **Compatibility** | Shield thickness of 0.13mm to 0.23mm |
---
### 2. Functional Purpose
In electronic assemblies, these parts serve two primary roles:
1. **Mechanical Retention:** They act as a "socket" for metal shielding cans. Instead of soldering a large metal box directly to the board, you solder several S03-01-R clips. The shield is then snapped into these clips.
2. **Electrical Grounding:** They provide a low-resistance electrical path between the shielding can and the PCB ground plane, effectively creating a Faraday cage to block EMI.
---
### 3. Key Advantages
Using these clips over traditional "through-hole" or "direct-solder" shielding methods offers several benefits:
* **Easy Rework:** The shield can be removed and replaced easily to access components underneath for tuning or repair.
* **Reduced Heat Stress:** Since you only solder the tiny clips, there is no risk of the PCB warping from the high heat required to solder a large metal shield.
* **Automation:** They are supplied in Tape and Reel format, allowing them to be placed by standard Pick-and-Place machines.
---
### 4. Application Example
```c
// Example Context: PCB Layout Requirement
// 1. Define Ground Plane under sensitive RF area.
// 2. Place S03-01-R clips at 10mm-15mm intervals around the perimeter.
// 3. Ensure solder paste stencil matches the SMT footprint for S03-01-R.
```
- ⤷
What are the recommended solder footprint dimensions for the S03-01-R?
- ⤷ Which shielding can thicknesses are compatible with this specific clip?
- ⤷ How does the S03-01-R compare to the S01-01-R model?