S03-02-R
AI

The **S03-02-R** is a specific electronic component primarily identified as a **Surface Mount (SMT) Spring Contact**, often referred to as a "Shield Finger" or "Grounding Contact." These parts are manufactured by companies like **Harwin** and are critical for grounding and EMI (Electromagnetic Interference) shielding in compact electronic devices.
---
### 1. Key Technical Specifications
Below are the typical technical attributes for the S03-02-R series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | SMT Spring Contact / Shield Finger |
| **Material** | Beryllium Copper or Phosphor Bronze |
| **Plating** | Gold or Tin (R-suffix often denotes Gold) |
| **Height (Uncompressed)** | 2.00mm (Typical) |
| **Mounting Style** | Surface Mount (SMT) |
| **Packaging** | Tape and Reel (for automated assembly) |
---
### 2. Functional Purpose
The S03-02-R serves three primary roles within a circuit board assembly:
1. **Grounding:** It provides a low-resistance electrical path between the PCB and another metal chassis or component (like a battery or antenna).
2. **EMI Shielding:** It is used to connect metal "cans" or shields to the ground plane to prevent radio frequency interference.
3. **Mechanical Buffer:** Because it is spring-loaded, it can absorb mechanical tolerances and vibrations while maintaining a constant electrical connection.
---
### 3. Physical Design and Dimensions
The "02" in the part number often relates to the physical height. These components are designed with a **"C" shape** or a **"Cantilever" design**:
* **Footprint:** Small rectangular pads designed for reflow soldering.
* **Contact Point:** A rounded tip to allow for sliding contact without snagging.
* **Travel:** It is designed to be compressed. Over-compression can lead to permanent deformation (set), so engineers must calculate the working height carefully.
---
### 4. Typical Applications
* **Mobile Devices:** Connecting antennas to the main logic board.
* **Laptops/Tablets:** Grounding the LCD frame to the motherboard.
* **Automotive Electronics:** Providing vibration-resistant grounding in infotainment systems.
* **Wearables:** Compact power connections for charging docks.
---
### 5. Selection Considerations
When using the S03-02-R, engineers must consider:
* **Working Height:** The distance between the PCB and the mating surface should be within the spring's elastic range.
* **Current Rating:** Typically supports small currents (0.5A to 2A); not suitable for high-power transmission.
* **Solderability:** Ensure the footprint matches the manufacturer's land pattern to prevent "tombstoning" during reflow.
- ⤷What is the maximum compressed height for the S03-02-R?
- ⤷ How does gold plating compare to tin plating for these spring contacts?
- ⤷ What is the recommended solder paste thickness for SMT grounding fingers?