Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • S03-03-R

  • AI
    The **S03-03-R** is a specific type of **Surface Mount Device (SMD) Shield Clip**, typically manufactured by companies like Harwin (S03 series). These components are essential in modern PCB design for managing Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI). --- ### 1. Technical Specifications The "S03-03-R" part number typically breaks down into specific physical characteristics: | Property | Description | | :--- | :--- | | **Component Type** | RFI/EMI Shield Clip | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Material** | Beryllium Copper or Phosphor Bronze | | **Plating** | Tin or Gold (to prevent oxidation and ensure conductivity) | | **Packaging** | Tape and Reel (denoted by the "-R" suffix) | ### 2. Primary Function The S03-03-R is designed to hold a **metal shielding can** (RFI Shield) in place on a PCB without the need for manual soldering of the can itself. * **Mechanical Support:** It acts as a spring-loaded "socket" for the edges of a metal shield. * **Electrical Grounding:** It creates a low-resistance electrical path between the shielding can and the PCB ground plane. * **EMI Suppression:** By securing the shield, it prevents high-frequency noise from escaping sensitive circuits or entering vulnerable ones. ### 3. Key Advantages Using a shield clip like the S03-03-R offers several benefits over traditional "solder-down" shields: 1. **Ease of Maintenance:** You can remove the metal shield to inspect or repair components underneath without desoldering. 2. **Manufacturing Efficiency:** Because these clips are in "Tape and Reel" format, they can be placed by standard SMT pick-and-place machines. 3. **Thermal Protection:** Since the shield can is snapped in *after* the reflow oven process, sensitive components under the shield aren't subjected to trapped heat during manufacturing. --- ### 4. Footprint & Layout Example When designing a PCB for these clips, the layout usually involves placing several clips around the perimeter of the area to be shielded. ```markdown Example Layout Pattern: [Clip] ---- [Clip] ---- [Clip] | | [Clip] (IC Area) [Clip] | | [Clip] ---- [Clip] ---- [Clip] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended solder pad dimensions for the S03-03-R?
    • ⤷ Can the S03-03-R be used with different thicknesses of shielding cans?
    • ⤷ What is the maximum frequency range these clips effectively shield?