Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • S03-04-R

  • AI
    The **S03-04-R** typically refers to a specific model of a **Miniature Photocoupler (Optoisolator)** or a specialized **Push-Button Switch** series depending on the manufacturer (most commonly associated with industrial control components or electronic relays). Below is an overview of the electronic specifications and internal parts based on the standard configuration for this part number. --- ## 1. Technical Specifications This component is designed for high-density mounting and electrical isolation. | Feature | Specification | | :--- | :--- | | **Component Type** | Photocoupler / Optoisolator | | **Number of Channels** | 1 Channel (Standard) | | **Package Type** | SOP-4 (Small Outline Package) | | **Isolation Voltage** | 3,750 Vrms to 5,000 Vrms | | **Current Transfer Ratio (CTR)** | 50% to 600% (at $I_F = 5mA$) | | **RoHS Compliance** | Yes (Indicated by the "-R" suffix) | --- ## 2. Internal Electronic Structure The S03-04-R consists of two primary internal electronic parts housed in a single light-shielded package: ### A. Input Side: Infrared Emitting Diode (IRED) * **Function:** Converts the input electrical signal into infrared light. * **Material:** Usually Gallium Arsenide (GaAs). * **Role:** Acts as the control side, isolated from the high-voltage output side. ### B. Output Side: Phototransistor * **Function:** Detects the light from the IRED and converts it back into an electrical current. * **Operation:** When light hits the base region of the transistor, it allows current to flow between the Collector and Emitter. * **Key Part:** NPN Silicon Phototransistor. --- ## 3. Pin Configuration (SOP-4) If you are integrating this into a PCB, the pinout follows this standard logic: | Pin Number | Designation | Description | | :--- | :--- | :--- | | **1** | Anode | Positive terminal of the Input LED | | **2** | Cathode | Negative terminal of the Input LED | | **3** | Emitter | Negative terminal of the Output Transistor | | **4** | Collector | Positive terminal of the Output Transistor | --- ## 4. Key Applications * **Signal Transmission:** Passing signals between two circuits that operate at different voltage potentials. * **Noise Suppression:** Preventing electrical noise from the load side from affecting the sensitive MCU (Microcontroller) side. * **Switching:** Used as a solid-state relay for low-power DC loads. --- ## 5. Part Number Breakdown * **S03:** Series identifier (often relating to package height or isolation rating). * **04:** Indicates the number of pins (4-pin SOP). * **R:** Denotes "RoHS Compliant" or "Reel" packaging for automated SMT (Surface Mount Technology) assembly.
    ✨ Follow-up Questions
    • ⤷ What is the maximum forward current (If) for the S03-04-R?
    • ⤷Can you provide a circuit diagram example for connecting this to an Arduino?
    • ⤷How does the CTR (Current Transfer Ratio) affect the output signal strength?