S03-05-R
AI

The **S03-05-R** is a specific electronic component typically identified as a **Surface Mount (SMD) Spring Contact** (also known as a Shield Finger or Grounding Clip), manufactured by companies like **Harwin**. These parts are essential for grounding and RFI (Radio Frequency Interference) shielding in compact electronic devices.
---
### 1. Key Technical Specifications
The "S03-05-R" part number usually follows a specific nomenclature regarding its height and material.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | SMD Spring Contact / Shield Finger |
| **Material** | Beryllium Copper or Phosphor Bronze |
| **Plating** | Gold (R suffix often denotes Tape & Reel packaging) |
| **Contact Height** | 0.5mm to 5.0mm (Depending on the specific sub-series) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Current Rating** | Typically up to 1.5A - 2A |
---
### 2. Functional Purpose
These components serve three primary roles in a circuit board assembly:
* **Grounding:** Provides a low-resistance path between the PCB and another conductive surface (like a metal chassis).
* **RFI/EMI Shielding:** Used to connect metal cans or shields to the ground plane to prevent electromagnetic interference.
* **Antenna Feed:** Occasionally used as a low-profile contact point for internal mobile antennas.
---
### 3. Physical Attributes
The S03 series is designed for automated assembly. Key physical characteristics include:
1. **Spring Action:** The "C" or "U" shape allows the part to be compressed without permanent deformation, ensuring constant electrical contact even under vibration.
2. **Solder Area:** A flat base designed for standard reflow soldering.
3. **Gold Plating:** High-quality gold plating is used to prevent oxidation and ensure low contact resistance over the lifetime of the product.
---
### 4. Typical Applications
* **Mobile Handsets:** Connecting the PCB to the outer metal frame.
* **Laptops/Tablets:** Grounding the screen housing to the motherboard.
* **Industrial Controls:** Preventing noise in sensitive signal processing units.
---
- ⤷
What are the compression limits for the S03-05-R to avoid permanent deformation?
- ⤷ Is the S03-05-R compatible with lead-free reflow soldering processes?
- ⤷ How does gold plating compare to tin plating for these types of spring contacts?