AI

The **S1117API** is a specific part number within the 1117 family of **Low Dropout (LDO) linear voltage regulators**. It is commonly manufactured by companies like *AUK Corp* or *Kodenshi*.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Core Function and Architecture
The S1117API is designed to provide a stable, constant output voltage from a higher, fluctuating input voltage. Unlike standard regulators (like the 7805), LDOs can operate even when the input voltage is only slightly higher than the output voltage.
### Key Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Output Type** | Adjustable (ADJ) or Fixed (typically 3.3V, 5V, etc.) |
| **Max Output Current** | 1.0 Ampere |
| **Dropout Voltage** | Typically 1.2V at 1A |
| **Max Input Voltage** | 15V (Recommended 12V max) |
| **Package Type** | TO-220FP (Full Plastic) |
| **Operating Temp** | -40°C to +125°C |
---
## 2. Pin Configuration
The S1117API usually follows the industry-standard pinout for the 1117 series in a 3-pin package:
1. **ADJ / GND**: For the adjustable version, this connects to a voltage divider; for fixed versions, it connects to Ground.
2. **Output (Vout)**: The regulated voltage output.
3. **Input (Vin)**: The unregulated supply voltage.
---
## 3. Package Significance: The "API" Suffix
The suffix **"API"** is critical for hardware design:
* **A**: Often denotes a specific performance grade or manufacturer series.
* **PI**: Typically refers to the **TO-220FP** package. The "FP" stands for **Full Plastic** or **Fully Insulated**.
* **Advantage**: Unlike a standard TO-220 (which has a metal tab connected to Vout), the API package is encased in plastic. You can mount it directly to a heatsink without needing an insulating mica washer or thermal pad to prevent short circuits.
---
## 4. Typical Application Circuit
To ensure stability, the S1117 series requires external capacitors.
```c
Vin ----[ S1117API ]---- Vout
| |
C1 (In) C2 (Out)
| |
GND ------+----+------- GND
```
* **Input Capacitor (C1):** 10µF Tantalum or Electrolytic (removes noise from the source).
* **Output Capacitor (C2):** 10µF to 22µF Tantalum (essential for frequency stability).
---
## 5. Thermal Considerations
Since it is a linear regulator, it dissipates excess voltage as heat.
**Formula:** $P_{dissipated} = (V_{in} - V_{out}) \times I_{out}$
Because the TO-220FP (API) package is plastic-molded, its thermal resistance ($\theta_{JC}$) is slightly higher than the metal-tab version. Proper heatsinking is required if the voltage drop or current is high.
- ⤷
What is the difference between the adjustable and fixed voltage versions of the S1117API?
- ⤷ How does the 'Full Plastic' package affect the thermal dissipation compared to a standard TO-220?
- ⤷ What are the recommended ESR values for the output capacitor to prevent oscillation?