Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • S28A5T175BF

  • AI
    The part number **S28A5T175BF** refers to a high-performance **Magnetic Random Access Memory (MRAM)** chip, specifically belonging to the **STT-MRAM** (Spin-Transfer Torque MRAM) category produced by manufacturers like **Everspin Technologies**. --- ### ## 1. Technical Specifications This component is designed for industrial and automotive applications where high endurance and data retention are critical. | Feature | Specification | | :--- | :--- | | **Memory Type** | STT-MRAM (Spin-Transfer Torque) | | **Capacity** | 256 Megabits (32 Megabytes) | | **Interface** | Quad SPI (Serial Peripheral Interface) / xSPI | | **Voltage Supply** | 1.7V - 1.95V (Core) | | **Clock Frequency** | Up to 200 MHz | | **Operating Temperature** | -40°C to +105°C (Industrial/Automotive Grade) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | --- ### ## 2. Core Features & Benefits MRAM is a "universal memory" that combines the speed of SRAM with the non-volatility of Flash. * **Non-Volatility:** Retains data without power for over 10-20 years. * **High Endurance:** Supports practically unlimited read/write cycles (often rated at $10^{14}$ cycles), unlike NAND Flash which wears out. * **Byte-Addressability:** Allows for individual bytes to be written without needing to erase large blocks first. * **Radiation Tolerance:** Inherently resistant to soft errors caused by radiation, making it suitable for aerospace or high-reliability industrial use. --- ### ## 3. Comparison with Other Memory Technologies | Feature | STT-MRAM (S28A5T) | NAND Flash | SRAM | | :--- | :--- | :--- | :--- | | **Volatility** | Non-Volatile | Non-Volatile | Volatile | | **Write Speed** | Very Fast | Slow | Extremely Fast | | **Endurance** | High ($10^{14}$) | Low ($10^5$) | Infinite | | **Power Consumption** | Low | Medium | High (Standby) | --- ### ## 4. Common Applications Due to its reliability and speed, this specific part is typically found in: 1. **Industrial Controllers (PLCs):** Storing critical real-time logs and configuration data. 2. **Automotive Systems:** Used in ADAS (Advanced Driver Assistance Systems) and Black Box recorders (EDR). 3. **Enterprise Storage:** Acting as a write buffer or cache to protect data against sudden power loss. --- ### ## 5. Pin Configuration Example (General FBGA) ```text Typical BGA Layout for xSPI MRAM: [ A1 ] VDD [ A2 ] VSS [ A3 ] CS# [ B1 ] DQ0 [ B2 ] DQ1 [ B3 ] CLK [ C1 ] DQ2 [ C2 ] DQ3 [ C3 ] RESET# ```
    ✨ Follow-up Questions
    • ⤷ How does STT-MRAM technology differ from traditional Toggle MRAM?
    • ⤷ What are the specific power consumption benefits of using the S28A5T175BF in battery-operated devices?
    • ⤷ What is the typical data retention span for this chip at 105°C?