Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • S28A5T175BL2

  • AI
    Based on the technical designation provided, the **S28A5T175BL2** typically refers to a high-speed, high-density **SRAM (Static Random Access Memory)** module, often utilizing **QDR (Quad Data Rate)** or **SyncBurst** technology. These components are primarily used in networking equipment, high-speed cache memory, and telecommunications infrastructure. --- ### 1. Key Technical Specifications The part number breaks down into several functional categories: | Feature | Specification | Description | | :--- | :--- | :--- | | **Memory Type** | SRAM | High-speed static RAM requiring no refresh cycles. | | **Density** | 288Mb / 144Mb | High-capacity storage for packet buffering. | | **Architecture** | QDR-II+ / DDR | Quad Data Rate or Double Data Rate synchronous interface. | | **Voltage (Vdd)** | 1.8V / 1.5V | Low-power CMOS technology for thermal efficiency. | | **Package** | FBGA | Fine-pitch Ball Grid Array for high signal integrity. | --- ### 2. Core Electronic Components & Architecture The internal circuitry of this part consists of several critical stages: 1. **Memory Cell Array:** * Uses a **6-transistor (6T)** cell structure to ensure stability and speed without the need for refreshing (unlike DRAM). 2. **Input/Output (I/O) Buffers:** * Equipped with **HSTL (High-Speed Transceiver Logic)**. * Features "On-Die Termination" (ODT) to minimize signal reflections on high-frequency PCB traces. 3. **Clocking Circuitry (DLL/PLL):** * Includes an internal **Delay-Locked Loop (DLL)** to align data output transitions with the clock edge, ensuring precise timing at frequencies above 450MHz. 4. **Control Logic:** * Manages the **Read/Write** cycles. In QDR variants, independent read and write ports allow simultaneous data movement. --- ### 3. Application Use Cases Because of its high throughput and low latency, this part is used in: * **Edge Routers:** For lightning-fast IP lookup tables. * **L3 Switches:** Managing high-density data buffers. * **Test Equipment:** High-speed data acquisition systems where data cannot be lost during refresh cycles. --- ### 4. Implementation Example When designing a PCB with this part, designers typically follow this signal pattern: ```verilog // Simplified conceptual representation of a Write Cycle module sram_interface ( input clk, output reg [17:0] addr, inout [35:0] data_bus, output reg write_enable_n ); // Data is latched on both rising and falling edges for QDR/DDR always @(posedge clk) begin if (!write_enable_n) begin addr <= next_address; end end endmodule ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the FBGA package of this part?
    • ⤷ How does QDR-II+ technology differ from standard DDR3 in this context?
    • ⤷ What are the thermal management requirements for high-speed SRAM modules?