Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • S2ABG

  • AI
    The **S2ABG** is a high-performance, surface-mount general-purpose silicon rectifier diode. It is commonly used for power rectification, polarity protection, and voltage clamping in various electronic circuits. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. Key Technical Specifications The "S2A" prefix typically denotes a 2.0 Ampere rating, while the suffix indicates the peak reverse voltage. | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 50 | Volts | | **Maximum RMS Voltage** | $V_{RMS}$ | 35 | Volts | | **Maximum Average Forward Current** | $I_{F(AV)}$ | 2.0 | Amperes | | **Peak Forward Surge Current** (8.3ms) | $I_{FSM}$ | 50 | Amperes | | **Maximum Forward Voltage** (at 2.0A) | $V_F$ | 1.1 | Volts | | **Operating Junction Temperature** | $T_J$ | -55 to +150 | °C | --- ### 2. Physical Characteristics & Packaging The S2ABG is designed for automated surface-mount assembly (SMT). * **Package Type:** Usually **SMB (DO-214AA)**. * **Case Material:** Molded plastic, UL Flammability Classification 94V-0. * **Terminals:** Solderable per MIL-STD-750. * **Polarity:** Color band denotes the cathode (negative) end. --- ### 3. Applications Due to its 2A current handling capability and compact size, the S2ABG is found in: 1. **AC-to-DC Rectification:** Converting alternating current to direct current in small power adapters. 2. **Reverse Polarity Protection:** Preventing damage to a circuit if a battery or DC supply is connected backwards. 3. **Freewheeling Diode:** Protecting components from inductive spikes in relay or motor driver circuits. 4. **Voltage Clamping:** Limiting voltage levels to protect sensitive logic components. --- ### 4. Part Number Breakdown While naming conventions can vary slightly by manufacturer (such as Taiwan Semiconductor or Vishay), the code usually breaks down as follows: * **S:** Surface Mount. * **2:** 2.0 Amperes (Current Rating). * **A:** 50 Volts (Voltage Rating). * **BG:** Often refers to the specific "Green" (Halogen-free) molding compound or a specific packing/reel code. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the S2A and S2M diodes?
    • ⤷ Can the S2ABG be used in high-frequency switching power supplies?
    • ⤷ What is the equivalent through-hole part for the S2ABG?