Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • S2DP

  • AI
    The **S2DP** typically refers to a specialized series of **Schottky Barrier Rectifiers** (often in a SMB/DO-214AA package) or is used as a prefix for specific power management components. In the context of electronic parts, it most commonly refers to a Surface Mount Schottky Rectifier designed for high-efficiency power circuits. --- ### 1. Key Technical Specifications Below are the typical parameters for an S2DP-rated Schottky diode: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Max Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 200 | Volts | | **Max Average Forward Rectified Current ($I_{F(AV)}$)** | 2.0 | Amperes | | **Max Forward Voltage Drop ($V_F$)** | 0.85 - 0.90 | Volts | | **Operating Junction Temperature ($T_J$)** | -55 to +150 | °C | | **Package Type** | SMB (DO-214AA) | - | --- ### 2. Physical Construction and Features The S2DP is engineered for performance in modern surface-mount assemblies: * **Schottky Barrier Technology:** Uses a metal-to-semiconductor junction to provide fast switching speeds and low power loss. * **Guard Ring Protection:** Most S2DP components include an internal guard ring for transient protection (over-voltage stress). * **Encapsulation:** Housed in a molded plastic case that is UL 94V-0 flame retardant. * **Polarity:** Indicated by a cathode band on the body of the component. --- ### 3. Common Applications Due to its 2A current rating and high voltage tolerance (200V), the S2DP is used in specific power electronic environments: 1. **DC-DC Converters:** Used as a freewheeling diode to maintain current flow when the primary switch is off. 2. **Polarity Protection:** Placed at power inputs to prevent damage if a battery or power supply is connected backward. 3. **Low Voltage High-Frequency Inverters:** Ideal for high-speed switching power supplies where standard diodes are too slow. 4. **AC-DC Secondary Rectification:** Used on the output side of switching transformers. --- ### 4. Comparison: S2DP vs. Standard Rectifiers | Feature | S2DP (Schottky) | S2M (Standard Recovery) | | :--- | :--- | :--- | | **Switching Speed** | Ultra-Fast (ps to ns) | Slow (µs) | | **Voltage Drop** | Lower (Higher Efficiency) | Higher (0.7V - 1.1V) | | **Reverse Leakage** | Higher at high temps | Very Low | | **Primary Use** | High-frequency switching | General rectification (50/60Hz) | ---
    ✨ Follow-up Questions
    • ⤷What are the specific soldering footprints for the DO-214AA (SMB) package?
    • ⤷ How does the S2DP perform under high-temperature thermal runaway?
    • ⤷ What are the pin-compatible alternatives to the S2DP rectifier?