S3JB-13-F
AI

## S3JB-13-F: Electronic Component Specifications
The **S3JB-13-F** is a surface-mount General Purpose Rectifier diode manufactured by **Diodes Incorporated**. It is widely used in power management for AC-to-DC rectification and reverse polarity protection.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical parameters for the S3JB-13-F:
| Parameter | Value |
| :--- | :--- |
| **Component Type** | Rectifier Diode |
| **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 600 V |
| **Average Rectified Output Current ($I_O$)** | 3.0 A |
| **Forward Voltage Drop ($V_F$) @ 3A** | 1.15 V (Max) |
| **Peak Forward Surge Current ($I_{FSM}$)** | 100 A |
| **Reverse Recovery Time ($t_{rr}$)** | Standard Recovery (typically > 500ns) |
| **Operating Temperature Range** | -65°C to +150°C |
| **Package Type** | SMB (DO-214AA) |
---
### 2. Physical and Packaging Features
* **Case Material:** Molded Plastic, "Green" Molding Compound (UL Flammability Classification Rating 94V-0).
* **Terminals:** Lead-Free Plating (Matte Tin finish), Solderable per MIL-STD-202.
* **Polarity:** Cathode band indicates the negative side.
* **Marking:** The device is typically marked with "S3JB".
---
### 3. Applications and Usage
The S3JB-13-F is designed for general-purpose applications where high voltage and moderate current handling are required.
* **AC-to-DC Rectification:** Used in bridge rectifiers for power supplies.
* **Freewheeling Diode:** Protects circuits from voltage spikes generated by inductive loads (motors, solenoids).
* **Reverse Polarity Protection:** Prevents damage if a battery or power source is connected backwards.
* **Switching Power Supplies (SMPS):** Used in the secondary stage for rectification.
---
### 4. Part Number Breakdown
The suffixing in the part number provides specific manufacturing info:
* **S3J:** The base model (3A, 600V Rectifier).
* **B:** Indicates the **SMB** package size.
* **13:** Refers to the tape and reel size (13-inch reel).
* **F:** Denotes RoHS compliance and Lead-Free status.
- ⤷
What is the difference between S3JB and S3KB models?
- ⤷ Can this diode be used in high-frequency switching applications?
- ⤷ What are the recommended PCB landing patterns for the SMB package?