Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • S486G-S08-R

  • AI
    The **S486G-S08-R** is an integrated circuit (IC) primarily designed for motor control applications, specifically as a **Hall Effect Fan Motor Driver**. It is widely used in cooling fans for computers, servers, and power supplies. --- ### 1. Technical Specifications The following table highlights the primary electrical characteristics of the S486G-S08-R: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Part Number** | S486G-S08-R | Standard naming convention | | **Package Type** | SOP-8 | Small Outline Package (8 pins) | | **Supply Voltage ($V_{CC}$)** | 3.5V to 20V | Wide operating range | | **Output Current ($I_{OUT}$)** | Up to 500mA | Continuous driving current | | **Operating Temp** | -40°C to +125°C | Industrial grade thermal range | | **Function** | Single-Phase Driver | For DC Brushless Motors | --- ### 2. Internal Components & Features The "electronic parts" contained within this single IC include several functional blocks: * **Hall Effect Sensor Interface:** It integrates circuitry to detect the magnetic pole of the motor rotor, allowing for precise commutation. * **H-Bridge Driver:** The output stage consists of a power bridge capable of switching current directions to drive the motor coils. * **Protection Circuitry:** * **Locked Rotor Protection:** Automatically shuts down the output if the fan is physically obstructed to prevent overheating. * **Auto-Restart:** Periodically attempts to restart the motor once the obstruction is removed. * **Thermal Shutdown:** Protects the IC from internal damage due to excess heat. * **Zener Diode:** Often included on the supply pin to protect against inductive voltage spikes from the motor coils. --- ### 3. Pin Configuration (SOP-8) | Pin No. | Label | Function Description | | :--- | :--- | :--- | | 1 | **FG / RD** | Frequency Generator (Speed output) or Rotation Detection | | 2 | **Vcc** | Power Supply input | | 3 | **OUT1** | Motor Driver Output 1 | | 4 | **OUT2** | Motor Driver Output 2 | | 5 | **GND** | Ground | | 6-8 | **NC / Vreg** | Varies by manufacturer (often internal voltage regulation) | --- ### 4. Typical Application Circuit When designing with the S486G-S08-R, the external components required are minimal: ```mermaid [Power Supply] --- [Decoupling Capacitor] --- [Vcc Pin] | [GND] ---------------------------------- [GND Pin] | [Motor Coil] <---------------------- [OUT1 / OUT2] ``` * **Capacitor:** A $0.1\mu F$ to $1\mu F$ capacitor is usually placed near the Vcc pin to reduce noise. * **Pull-up Resistor:** Required on the FG/RD pin if connecting to a microcontroller to monitor fan speed.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FG and RD output versions of this IC?
    • ⤷ Can this IC be used for PWM speed control?
    • ⤷ What are the common failure modes for fan driver ICs like the S486G?