Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • S486L-S08-R

  • AI
    The **S486L-S08-R** is an integrated circuit (IC) primarily used for Hall Effect sensing applications. It is commonly manufactured by companies like UTC (Unisonic Technologies). Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Overview The S486L is a **Linear Hall Effect Sensor**. Unlike digital Hall sensors that output a binary high/low signal, this linear sensor outputs an analog voltage proportional to the magnetic flux density passing through it. ### 2. Technical Specifications The following table highlights the primary electronic parameters of the S486L-S08-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 4.5V to 6.0V | The standard operating voltage range. | | **Output Type** | Analog | Output voltage varies linearly with magnetic field. | | **Sensitivity** | ~2.5 mV/Gauss | The change in output voltage per unit of magnetic field. | | **Package Type** | SOP-8 | Surface-mount package with 8 pins. | | **Quiescent Output** | $V_{CC} / 2$ | Output voltage when no magnetic field is present (Null). | | **Operating Temp** | -40°C to +125°C | Industrial grade temperature range. | --- ### 3. Pin Configuration (SOP-8) In the S08 (SOP-8) package, the pinout typically follows this structure (refer to the specific datasheet for your manufacturer to confirm): * **Pin 1 ($V_{CC}$):** Power supply input. * **Pin 2 (Output):** Analog voltage output proportional to magnetic flux. * **Pin 3 (GND):** System ground. * **Pins 4-8:** Often labeled as NC (No Connection) or used for factory calibration/trimming. --- ### 4. Key Electronic Features * **Low-Noise Output:** The internal circuitry includes a hall plate, chopper-stabilized amplifier, and a ratiometric output stage to minimize noise. * **Ratiometric Property:** The output voltage is proportional to both the magnetic field strength and the supply voltage ($V_{CC}$). If the supply voltage fluctuates, the output shifts proportionally. * **Linearity:** It maintains a high degree of linearity over a wide range of magnetic induction (Gauss). --- ### 5. Application Circuit Example A typical implementation requires minimal external components, usually just a decoupling capacitor. ```c // Conceptual Hardware Setup [Power Supply 5V] ----> [Pin 1: VCC] [GND] --------------> [Pin 3: GND] [Microcontroller] <---- [Pin 2: Output] (Connect to ADC Pin) // Components - C1: 0.1uF Ceramic Capacitor between VCC and GND for noise filtering. ``` --- ### 6. Typical Applications 1. **Current Sensing:** Measuring the magnetic field generated by current flowing through a wire. 2. **Position Sensing:** Detecting the proximity or displacement of a magnet in industrial actuators. 3. **Magnetic Code Reading:** Used in security systems or specialized rotary encoders. 4. **Liquid Level Sensing:** Combined with a float containing a magnet.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Linear Hall Effect sensor and a Latching Hall Effect sensor?
    • ⤷ How do I calculate the magnetic flux density based on the output voltage of the S486L?
    • ⤷ What are the soldering precautions for the SOP-8 package during PCB assembly?