S500-63-R
AI

The **S500-63-R** is a high-performance, fast-acting miniature glass tube fuse manufactured by **Eaton (Bussmann Series)**. It is designed to protect delicate electronic circuits from overcurrent conditions.
### Technical Specifications
Below are the primary electronic characteristics of the S500-63-R:
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 63mA (0.063 Amps) |
| **Voltage Rating (AC)** | 250 VAC |
| **Fuse Type** | Fast-Acting (F) |
| **Material** | Glass Tube with Nickel-plated Brass Endcaps |
| **Dimensions** | 5mm x 20mm |
| **Interrupt Rating** | 35A @ 250VAC |
| **Resistance (Cold)** | ~18.5 Ohms |
| **RoHS Compliant** | Yes |
---
### Core Electronic Components & Construction
1. **The Element:** Inside the glass tube is a fine wire filament composed of a specific alloy. Because this is a **63mA** fuse, the wire is extremely thin. It is designed to melt almost instantly when the current exceeds the 63mA threshold to prevent damage to downstream components.
2. **The Housing (Glass):** The transparent glass body allows for easy visual inspection. If the fuse has blown due to a short circuit, you will often see a dark smudge or a broken wire inside.
3. **Endcaps:** The "R" in the part number signifies it is **RoHS compliant**. The endcaps are made of conductive metal (usually brass with nickel plating) to ensure a low-resistance connection to the fuse holder or clips.
### Application Use Cases
This specific fuse is used in low-power electronic applications where precision is required:
* **Power Supplies:** Protecting the primary side of small transformers.
* **Test Equipment:** Multimeters and oscilloscopes often use 5x20mm fuses for input protection.
* **Control Boards:** Industrial PLCs or sensitive PCB assemblies where a small surge could destroy integrated circuits.
### Comparison: Fast-Acting vs. Time-Delay
It is critical to note that the S500 series is **Fast-Acting**.
* **S500-63-R (Fast):** Breaks the circuit immediately upon detecting a spike.
* **S506-63-R (Time-Delay):** Allows for a brief "inrush" current before blowing.
* *Warning:* Never replace a Time-Delay fuse with a Fast-Acting one (like the S500) unless specified, as it may blow during normal startup.
---
- ⤷
What is the difference between the S500 and S501 series fuses?
- ⤷ How do I calculate the voltage drop across a 63mA fuse in a circuit?
- ⤷ Can this fuse be used in DC applications
- ⤷ and what are the limitations?