AI

The **S500-80-R** is a specific model within the **S500 series** of high-performance, time-delay (slow-blow) glass tube fuses manufactured by **Eaton (formerly Bussmann)**.
Below is a detailed breakdown of its electronic specifications and characteristics.
### 1. Core Specifications
The S500-80-R is a subminiature fuse designed for circuit protection against overcurrent events.
| Property | Specification |
| :--- | :--- |
| **Current Rating** | 80mA (0.08 Amps) |
| **Voltage Rating (AC)** | 250 VAC |
| **Fuse Type** | Time-Delay / Slow-Blow (T-type) |
| **Body Material** | Glass Tube |
| **End Cap Material** | Nickel-plated Brass |
| **Size** | 5mm x 20mm |
| **Interrupt Rating** | 35A @ 250VAC |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Electronic Characteristics
To understand how this part functions in a circuit, we must look at its thermal and electrical behavior:
* **Time-Delay (Slow-Blow):** Unlike "fast-acting" fuses, the S500-80-R is designed to withstand temporary surges or "inrush currents." This is crucial for circuits with capacitors or small motors that pull more power momentarily during startup.
* **Low Current Sensitivity:** At 80mA, this fuse is designed for precision protection of sensitive electronic components, such as control circuits, small power supplies, or instrumentation.
* **Resistance & Voltage Drop:** At such a low amperage, the internal filament has a measurable resistance. When 80mA flows through it, there is a minor voltage drop across the fuse that should be accounted for in precision low-voltage designs.
* **Breaking Capacity:** The "35A @ 250VAC" interrupt rating means the fuse can safely clear a short circuit of up to 35 Amperes without the glass tube shattering or exploding.
---
### 3. Part Number Decoding
The Eaton/Bussmann part numbering system provides specific details:
| Segment | Meaning |
| :--- | :--- |
| **S500** | Series designation (5x20mm, Time-delay, IEC standard) |
| **80** | Rated current (80 milliamps) |
| **-R** | Lead-free and RoHS compliant construction |
---
### 4. Common Applications
Due to its small form factor and slow-blow nature, the S500-80-R is commonly found in:
* **Consumer Electronics:** Power adapters and chargers.
* **Industrial:** PLC (Programmable Logic Controller) I/O protection.
* **Medical Equipment:** Sensitive diagnostic tools.
* **Power Supplies:** Primary side protection for low-wattage SMPS.
---
- ⤷
What is the difference between the S500 series and the S501 series?
- ⤷ How do I calculate if the 35A interrupt rating is sufficient for my circuit?
- ⤷ What are the mounting options for a 5x20mm fuse like the S500-80-R?