S505-10-R
AI

The **S505-10-R** is a specific model of a cartridge fuse manufactured by **Eaton (Bussmann Series)**. It is a high-performance electronic component designed to protect circuits from overcurrent and short-circuit conditions.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of the S505-10-R:
| Feature | Specification |
| :--- | :--- |
| **Product Series** | S505 (Bussmann Series) |
| **Current Rating** | 10 Amperes |
| **Voltage Rating (AC)** | 250 VAC |
| **Fuse Type** | Ceramic Tube, Time-Delay (Slow-Blow) |
| **Breaking Capacity** | 1500A at 250VAC |
| **Physical Dimensions** | 5mm x 20mm |
| **Termination Style** | Ferrule (Cartridge) |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
## 2. Key Component Features
### A. Time-Delay (Slow-Blow) Characteristic
Unlike "fast-acting" fuses, the S505-10-R is designed to withstand temporary surges or "inrush currents." This is crucial for devices like motors or power supplies that draw a large amount of current momentarily when turned on but operate at a lower current thereafter.
### B. Ceramic Construction
The body is made of ceramic rather than glass. Ceramic fuses offer:
* **Higher Breaking Capacity:** They can safely interrupt much higher fault currents without shattering.
* **Thermal Stability:** They handle high-temperature environments better than glass equivalents.
### C. The "-R" Suffix
In the Eaton/Bussmann naming convention, the **-R** indicates that the part is fully compliant with **RoHS** (Restriction of Hazardous Substances) standards, meaning it is lead-free and environmentally friendly.
---
## 3. Typical Applications
Because of its high breaking capacity and 10A rating, this part is commonly found in:
* **Power Supplies:** Protecting the primary (AC input) side.
* **Industrial Control Panels:** Protecting small motors or actuators.
* **Consumer Electronics:** Large appliances or high-end audio equipment.
* **LED Drivers:** Where high inrush currents are expected during startup.
---
## 4. Safety and Equivalents
When replacing this part, it is vital to match the **1500A breaking capacity**. A standard glass fuse (which usually has a much lower breaking capacity) may physically fit but could explode if a major short circuit occurs.
- ⤷
What is the difference between the S505 and S501 series fuses?
- ⤷ Can a glass fuse be used as a substitute for the S505-10-R?
- ⤷ How do I interpret the 'breaking capacity' in a circuit protection context?