Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • S505-12-R

  • AI
    ## S505-12-R Electronic Component Overview The **S505-12-R** is a specific model of a **time-delay ceramic tube fuse**, manufactured by Eaton (formerly Bussmann). It is designed for high-breaking capacity and is commonly used in industrial and consumer electronics to protect circuits from overcurrent and short circuits. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | S505-12-R | | **Current Rating** | 12 Amperes (12A) | | **Voltage Rating (AC)** | 250 VAC | | **Fuse Type** | Time-Delay (Slow Blow) | | **Body Material** | Ceramic Tube | | **Physical Size** | 5mm x 20mm | | **Breaking Capacity** | 1500A @ 250VAC | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### 2. Physical Construction The fuse consists of several critical electronic and physical parts: * **Ceramic Body:** Unlike glass fuses, the ceramic body allows for a much higher "breaking capacity." This means the fuse can safely interrupt a higher fault current without physically exploding or shattering. * **End Caps:** Nickel-plated brass end caps provide high conductivity and a secure connection point for fuse holders or clips. * **Internal Element:** A specialized alloy wire or strip designed to withstand temporary surges (like motor startups) but melt if a sustained overcurrent occurs. * **Arc Quenching Filler:** Many ceramic fuses are filled with granular material (like sand) to extinguish the internal arc formed when the fuse blows. --- ### 3. Functional Characteristics * **Time-Delay (Slow-Blow):** The "S" in the series prefix often denotes "Slow" or "Time-lag." This part is engineered to ignore "inrush currents"—the brief spike of electricity that happens when you first turn on a device—while still providing protection against long-term overloads. * **High Interrupting Rating:** Because it is rated for 1500A interrupting capacity, it is safer for use in power supplies where the potential short-circuit current from the mains is high. --- ### 4. Common Applications Due to its 12A rating and slow-blow nature, this part is typically found in: 1. **Power Supplies:** Protecting the primary (AC) side of the circuit. 2. **Industrial Controllers:** Where small motors or solenoids create brief current spikes. 3. **Consumer Electronics:** High-power appliances like amplifiers or large microwave ovens.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the S505 and S501 series fuses?
    • ⤷ Can a glass fuse be used as a substitute for an S505-12-R?
    • ⤷ What does the 'R' suffix specifically signify in Eaton Bussmann part numbers?