S506-32-R
AI

The **S506-32-R** is a specific electronic component belonging to the **S506 series** of fuses. It is a time-delay (slow-blow), high-breaking capacity glass tube fuse manufactured by Eaton (formerly Bussmann).
---
### ## Technical Specifications
The following table outlines the primary electrical and physical characteristics of the S506-32-R:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | S506-32-R |
| **Series** | S506 (Time-delay, high breaking capacity) |
| **Current Rating** | 32 mA (0.032 Amps) |
| **Voltage Rating** | 250 Vac |
| **Fuse Type** | Glass Tube (5mm x 20mm) |
| **Characteristic** | Time-Delay / Slow-Blow (T) |
| **Breaking Capacity** | 35A at 250Vac |
| **Termination Style** | Cartridge (Ferrule) |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### ### Key Features
1. **Time-Delay (Slow-Blow):** Unlike fast-acting fuses, the S506-32-R is designed to withstand temporary surges or "inrush currents" without blowing. This is crucial for circuits containing capacitors or inductive loads that draw high current for a fraction of a second upon startup.
2. **Glass Body:** The transparent glass construction allows for easy visual inspection to determine if the internal filament has melted (blown).
3. **Low Amperage:** At 32mA, this is a highly sensitive fuse designed to protect delicate low-power electronic circuitry.
4. **Standard Dimensions:** The 5x20mm form factor is a global standard, making it compatible with a wide variety of fuse holders, clips, and blocks.
---
### ### Typical Applications
Because of its low current rating and slow-blow characteristic, this fuse is commonly found in:
* **Medical Equipment:** Protecting sensitive diagnostic sensors.
* **Industrial Controls:** Protecting PLC inputs or small control transformers.
* **Power Supplies:** Secondary stage protection for low-voltage rails.
* **Instrumentation:** Scientific and laboratory measurement devices.
---
### ### Deciphering the Part Number
* **S506:** The series designation (5x20mm, Time-delay).
* **32:** The current rating in milliamperes (mA).
* **-R:** Indicates compliance with RoHS (Restriction of Hazardous Substances) standards.
- ⤷
What is the difference between the S506 and the S501 series fuses?
- ⤷ How do I test if an S506-32-R fuse is blown using a multimeter?
- ⤷ Are there ceramic equivalents to this glass fuse for higher breaking capacity?