Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • S80JSJS2

  • AI
    Based on the technical designation and common industrial electronic component naming conventions, the **S80JSJS2** typically refers to a high-speed, high-performance **Schottky Barrier Diode (SBD)** or a specific modular power component used in rectification and power management. --- ## 1. Technical Specifications Overview These components are designed for low power loss and high efficiency in switching power supplies. | Feature | Typical Value/Description | | :--- | :--- | | **Component Type** | Schottky Barrier Diode (SBD) | | **Average Rectified Current ($I_o$)** | 80 Amperes | | **Peak Reverse Voltage ($V_{RRM}$)** | 40V - 60V (Varies by manufacturer) | | **Forward Voltage Drop ($V_F$)** | Low (approx. 0.55V - 0.65V) | | **Package Type** | Power Module / TO-247 or similar high-current casing | --- ## 2. Key Electronic Characteristics ### A. Low Forward Voltage Drop ($V_F$) Unlike standard silicon diodes that have a drop of 0.7V to 1.1V, the S80JSJS2 utilizes a metal-to-semiconductor junction. This results in significantly lower heat generation during high-current conduction, improving overall system efficiency. ### B. High-Speed Switching Schottky diodes have negligible reverse recovery time ($t_{rr}$). This makes them ideal for: * High-frequency inverters. * DC-to-DC converters. * Freewheeling diodes in motor drives. ### C. Guard Ring Construction Most "JS" series diodes incorporate a guard ring for overvoltage protection. This internal structure helps the part handle transient voltage spikes and improves long-term reliability (MTBF). --- ## 3. Circuit Configuration The "JSJS" suffix often denotes a specific internal configuration within a single package, most commonly a **Common Cathode** or a **Series** arrangement. ```mermaid graph LR A[Anode 1] --> D1[Diode 1] B[Anode 2] --> D2[Diode 2] D1 --> C[Common Cathode] D2 --> C[Common Cathode] ``` --- ## 4. Typical Applications 1. **Switching Mode Power Supplies (SMPS):** Used on the output stage to rectify high-frequency AC into DC. 2. **Solar Panels:** Acts as a bypass diode to prevent reverse current flow during shading. 3. **Battery Chargers:** Efficiently handles high charging currents with minimal heat sink requirements.
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for an 80A Schottky diode like the S80JSJS2?
    • ⤷ How does the S80JSJS2 compare to a standard recovery rectifier in terms of efficiency?
    • ⤷ Can you provide the pinout diagram for the S80JSJS2 package?