Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • S8VK-R20

  • AI
    ## Overview: OMRON S8VK-R20 Redundancy Module The **S8VK-R20** is a redundancy module designed to provide high reliability for DC power supply systems. It is not a power supply itself, but rather a "decoupling" device used to connect two power supplies in parallel to ensure system uptime if one unit fails. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 5 to 60 VDC | | **Output Current** | 20 Amps | | **Configuration** | 2 Inputs / 1 Output | | **Power Consumption** | 9 W Max (at 20A Load) | | **Operating Temperature** | -40 to 70 °C | | **Mounting Type** | DIN Rail | --- ### Electronic Component Functions The S8VK-R20 utilizes specific electronic internal structures to manage power flow: 1. **Decoupling Diodes/MOSFETs:** The core of the unit consists of high-current diodes (or active MOSFET switching) that allow current to flow from the inputs to the output while preventing backflow. If one power supply shorts internally, the redundancy module prevents the second supply from feeding current into the fault. 2. **Voltage Balance Indicator:** The module features a "Balance LED" (typically Green). This circuit compares the voltage levels of the two inputs. To ensure equal aging of both power supplies, the electronic circuit helps the user adjust both units to the same output voltage. 3. **Signal Outputs (Relays/Transistors):** The device includes monitoring circuits that trigger a dry contact (Relay) output. If one power supply fails or its voltage drops below a threshold, the internal electronic logic trips the status signal to alert a PLC or SCADA system. --- ### Key Benefits of the Design * **Heat Dissipation:** Designed with high-efficiency components to minimize the voltage drop (and thus the heat generated) across the module. * **Reverse Current Protection:** Protects sensitive electronic loads from current surges originating from the power source. * **Redundancy (1+1 or N+1):** Allows for the creation of backup systems where the failure of one electronic power source does not crash the entire control circuit. --- ### Typical Wiring Logic ```text Power Supply A (+) ----> [Input 1] \ [Output] ----> Load (+) / Power Supply B (+) ----> [Input 2] Common/Ground (-) -----------------------------> Load (-) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between S8VK-R10 and S8VK-R20?
    • ⤷ Can I use two different brands of power supplies with this module?
    • ⤷ How do I wire the status signal to a PLC?