SARA-R500S
AI

The **u-blox SARA-R500S** is a highly integrated LTE-M / NB-IoT module designed specifically for low-power wide-area (LPWA) IoT applications. It is part of the SARA-R5 series, built on the internal u-blox UBX-R5 chipset.
---
### 1. Core Technical Specifications
The module focuses on power efficiency and long-range connectivity rather than high data throughput.
| Feature | Specification |
| :--- | :--- |
| **Technology** | LTE Cat M1 / NB1 / NB2 |
| **Form Factor** | 96-pin LGA (26.0 x 16.0 x 2.2 mm) |
| **Supply Voltage** | 3.3 V to 4.4 V (Nominal 3.8 V) |
| **Data Rate (M1)** | Up to 375 kb/s (DL), 1200 kb/s (UL) |
| **Current Consumption** | < 1 µA in PSM (Power Saving Mode) |
| **Chipset** | u-blox UBX-R5 |
---
### 2. Key Electronic Components & Interfaces
The SARA-R500S exposes several physical pins and internal subsystems crucial for PCB integration:
#### A. Power Management (PMU)
* **VCC:** The main power supply pins. It requires a low ESR capacitor (typically 100µF or more) to handle current spikes during transmission.
* **V_INT:** A digital I/O voltage output (typically 1.8V) used to provide a reference for level shifters or status LEDs.
#### B. Communication Interfaces
* **UART:** Usually provides a primary 8-wire UART for AT commands and data, and a secondary UART for tracing/debugging.
* **USB:** Supports a USB 2.0 interface (FS) primarily for diagnostic purposes and firmware updates.
* **I2C / SPI:** Used for communicating with external sensors or peripherals.
* **GPIO:** Multiple General Purpose Input/Output pins that can be configured for status signaling (e.g., Network Status, Jamming Detection).
#### C. RF Interface
* **ANT Pin:** A 50 $\Omega$ impedance-matched pin for the LTE antenna.
* **Antenna Detection:** Built-in circuitry to detect if the antenna is connected or shorted.
#### D. SIM Interface
* Supports external SIM cards (1.8V and 3.0V).
* Supports **eSIM** (internal to the module in specific sub-variants).
---
### 3. Special Electronic Features
* **Built-in Secure Element (HSM):** Includes a hardware-based "Root of Trust" for encrypted communication and secure key storage.
* **Power Saving Mode (PSM) & eDRX:** Advanced electronic states that allow the module to remain registered to the network while drawing micro-amps of current.
* **Last Gasp:** Ability to send a final notification upon sudden power loss (requires external capacitor circuitry).
---
### 4. Integration Example (Simplified)
```c
// Example AT Command Flow for Initialization via UART
AT+CPIN? // Check SIM Status
AT+CFUN=1 // Set to Full Functionality
AT+CEREG? // Check Network Registration
AT+USOCR=6 // Open a TCP Socket
```
- ⤷
What are the power supply requirements for preventing voltage drops during LTE transmission?
- ⤷ How does the SARA-R500S differ from the SARA-R510S version?
- ⤷ What are the layout considerations for the 50-ohm RF antenna trace?