SB460G-SMC-R
AI

The **SB460G-SMC-R** is a specific variant of an industrial motherboard/system component, typically associated with Supermicro's specialized hardware ecosystem. It is designed for high-performance computing, server environments, or workstation applications.
### 1. Technical Specifications Overview
The "SB" prefix often indicates a "System Board" or a specific SKU within a server chassis. Below are the core electronic components and features typically found in this series:
| Feature | Description |
| :--- | :--- |
| **Chipset** | Typically based on Intel high-end server/workstation chipsets (e.g., C621 series). |
| **CPU Support** | Dual or Single Socket support for Intel Xeon Scalable processors. |
| **Memory** | DDR4 ECC Registered RDIMM/LRDIMM slots (typically 12 to 16 slots). |
| **Expansion Slots** | Multiple PCIe 3.0/4.0 x16 slots for GPUs or high-speed networking. |
| **Storage** | SATA3 (6Gbps) via chipset; NVMe support via M.2 or OCuLink. |
| **Networking** | Integrated Dual 10GBase-T or 1GbE LAN ports. |
---
### 2. Key Electronic Architectures
#### A. Power Delivery System (VRM)
The board utilizes a **Multi-phase Digital PWM (Pulse Width Modulation)** design. This ensures stable voltage delivery to the CPU under heavy loads. High-quality solid capacitors and ferrite chokes are used to minimize ripple and handle high thermal output.
#### B. Management Controller (IPMC/BMC)
The "SMC" in the part number often refers to **Supermicro Management Controller**. It features an integrated **ASPEED AST2500/2600** baseboard management controller (BMC), which allows for:
* Remote KVM over IP.
* Hardware health monitoring (Voltages, Fans, Temperature).
* IPMI 2.0 compliance.
#### C. Connectivity & I/O
The board includes various high-speed controllers:
* **USB 3.0/3.1 Controllers:** Integrated into the PCH (Platform Controller Hub).
* **TPM Header:** For Trusted Platform Module security chips.
* **SAS/SATA Controllers:** Often featuring Broadcom/LSI components if hardware RAID is supported.
---
### 3. Component Identification Breakdown
The suffix code **-SMC-R** generally follows this logic:
* **SMC:** Indicates Supermicro proprietary design/firmware.
* **R:** Usually denotes "Retail" packaging or a specific revision update with improved capacitors/circuitry for RoHS compliance.
---
### 4. Typical Applications
1. **GPU Workstations:** Due to high PCIe lane counts.
2. **Edge Computing:** Robust power regulation for varying environmental conditions.
3. **Virtualization Servers:** High memory density support.
- ⤷
What are the specific CPU socket types supported by the SB460G series?
- ⤷ Does this model support PCIe 4.0 or is it limited to PCIe 3.0?
- ⤷ What is the maximum RAM capacity for the SB460G-SMC-R?