SB460L-SMA-R
AI

The **SB460L-SMA-R** is a high-performance **Schottky Barrier Rectifier** diode. It is designed for high-frequency inversion, free-wheeling, and polarity protection applications where low forward voltage drop and fast switching are critical.
---
### ## Technical Specifications
Below are the key electrical characteristics and absolute maximum ratings for the SB460L-SMA-R.
| Parameter | Specification | Unit |
| :--- | :--- | :--- |
| **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 60 | V |
| **Maximum Average Forward Rectified Current ($I_{O}$)** | 4.0 | A |
| **Peak Forward Surge Current ($I_{FSM}$)** | 80 | A |
| **Maximum Forward Voltage Drop ($V_{F}$)** | 0.52 (approx.) | V |
| **Operating Junction Temperature ($T_{J}$)** | -55 to +150 | °C |
| **Package Type** | SMA (DO-214AC) | - |
---
### ### Key Features and Construction
1. **Low Forward Voltage Drop:** This part is optimized for high efficiency. The "L" in the part number often signifies a "Low $V_F$" version, reducing power loss during conduction.
2. **Schottky Barrier Technology:** Unlike standard PN junction diodes, Schottky diodes use a metal-to-semiconductor junction. This results in:
* Faster switching speeds.
* Negligible reverse recovery time.
3. **SMA Surface Mount Package:** The part is housed in a standard **SMA (DO-214AC)** package, making it suitable for automated SMT (Surface Mount Technology) assembly.
4. **Guard Ring Protection:** Most parts in this series include a guard ring for transient protection and improved reliability against high-voltage stress.
---
### ### Typical Applications
* **DC-DC Converters:** Used in switching power supplies to improve energy efficiency.
* **Reverse Polarity Protection:** Protecting sensitive circuitry from batteries or power supplies connected backwards.
* **Freewheeling Diode:** Used in inductive motor control or relay circuits to suppress voltage spikes.
* **Clamping Circuits:** Limiting voltage levels in high-speed signal lines.
---
### ### Package Layout
```text
_______
| | |
---| | |---
(A) |___|___| (K)
(SMA)
A = Anode
K = Cathode (Marked with a band)
```
- ⤷
What is the significance of the 'L' suffix in the SB460L compared to a standard SB460?
- ⤷ How does the power dissipation of an SMA package compare to an SMB package?
- ⤷ What are the recommended heat dissipation techniques for 4A Schottky diodes?