Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SB540L-SMC-R

  • AI
    The **SB540L-SMC-R** is a specific surface-mount electronic component, primarily known as a **Schottky Barrier Rectifier**. It is widely used in power management circuits due to its high efficiency and fast switching capabilities. --- ### 1. Key Technical Specifications The following table outlines the fundamental electrical characteristics of the SB540L-SMC-R: | Parameter | Value | Description | |:---|:---|:---| | **Device Type** | Schottky Diode | Low forward voltage drop, high speed. | | **Max Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 40V | Maximum voltage it can withstand in reverse. | | **Max Average Forward Current ($I_{F(AV)}$)** | 5.0A | Maximum continuous current it can handle. | | **Forward Voltage Drop ($V_F$)** | ~0.45V - 0.50V | Low voltage loss during conduction. | | **Package Type** | SMC (DO-214AB) | Surface-mount plastic package. | | **Operating Temperature** | -55°C to +125°C | Thermal operating range. | --- ### 2. Functional Characteristics * **Schottky Barrier Technology:** Unlike standard silicon diodes, Schottky diodes use a metal-to-semiconductor junction. This results in a much lower **Forward Voltage ($V_F$)**, which reduces power dissipation (heat). * **Fast Switching:** Because there is no minority carrier recovery time, these diodes switch states almost instantaneously, making them ideal for high-frequency applications. * **SMC Package:** The "SMC" designation refers to the physical size. It is larger than SMA and SMB packages, allowing for better heat dissipation and higher current handling (up to 5A). --- ### 3. Common Applications The SB540L-SMC-R is typically found in the following circuits: 1. **DC-DC Converters:** Used as a freewheeling diode to maintain current flow when a switch is off. 2. **Polarity Protection:** Placed at the power input to prevent damage if a battery or power supply is connected backward. 3. **AC-DC Rectification:** Used in low-voltage secondary side rectification for switched-mode power supplies (SMPS). 4. **Battery Charging:** Prevents discharge from the battery back into the charging source. --- ### 4. Part Number Breakdown While prefixes vary by manufacturer (e.g., Panjit, Diodes Inc, or SMC Diode Solutions), the nomenclature generally follows this logic: * **SB:** Schottky Barrier. * **5:** 5.0 Ampere current rating. * **40:** 40 Volt reverse voltage rating. * **L:** Low forward voltage drop variant. * **SMC:** Physical package style (DO-214AB). * **R:** Usually indicates "RoHS Compliant" or "Tape & Reel" packaging.
    ✨ Follow-up Questions
    • ⤷What are the main differences between SMA
    • ⤷ SMB
    • ⤷ and SMC diode packages?
    • ⤷ How does a Schottky diode differ from a standard PN-junction diode in terms of efficiency?
    • ⤷ What is the maximum surge current this diode can handle for a single pulse?