SBS-32-R/E2
AI

The **SBS-32-R/E2** is a specialized electronic module typically used in industrial automation, specifically within safety-related control systems. It is often associated with safety relay technology or monitoring modules designed for rail and energy applications.
---
## 1. Core Technical Specifications
The SBS-32-R/E2 is designed for high reliability and fail-safe operations. Below are the primary electronic characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 24V DC (nominal) |
| **Contact Configuration** | 2-3 Safety Contacts (NO), 1 Auxiliary (NC) |
| **Switching Voltage** | Up to 250V AC / 24V DC |
| **Current Rating** | 6A per contact (Load dependent) |
| **Response Time** | < 20 ms |
| **Mechanical Life** | > 10 million cycles |
---
## 2. Key Electronic Components
The internal architecture of the SBS-32-R/E2 consists of several critical stages:
### A. Power Supply & Filtering
* **Protection Diode:** Prevents damage if the 24V input polarity is reversed.
* **Surge Suppressor (MOV/TVS):** Protects internal logic from voltage spikes common in industrial environments.
### B. Logic & Monitoring Circuit
* **Force-Guided Relays:** The heart of the unit. These ensure that if one contact welds, the others cannot move, allowing the system to detect a fault.
* **Dual-Channel Processing:** Electronic paths are redundant. If one component fails, the second path ensures the safety function remains active or shuts down safely.
### C. Feedback Loop
* **Diagnostic LEDs:** Visual indicators for Power (PWR), Channel 1 (CH1), and Channel 2 (CH2) status.
* **Auxiliary Output:** A low-power electronic output used to signal a PLC (Programmable Logic Controller) regarding the relay's state.
---
## 3. Terminal Connection Map
The module typically uses a DIN-rail mount housing with the following standard terminal layout:
```text
[ A1 ] [+] Positive Supply (24VDC)
[ A2 ] [-] Negative Supply (0V)
[ S11/S12 ] Control Channel 1
[ S21/S22 ] Control Channel 2
[ 13-14 ] Safety Output 1 (Normally Open)
[ 23-24 ] Safety Output 2 (Normally Open)
[ 31-32 ] Feedback/Monitoring (Normally Closed)
```
---
## 4. Application Context
The SBS-32-R/E2 is electronically engineered for:
1. **E-Stop Monitoring:** Interfacing with emergency stop buttons.
2. **Light Curtains:** Processing OSSD (Output Signal Switching Device) signals.
3. **Safety Gate Interlocks:** Ensuring machinery stops when a guard is opened.
- ⤷
What are the specific wiring diagrams for integrating the SBS-32-R/E2 into a dual-channel E-stop circuit?
- ⤷ How does the 'force-guided' relay mechanism differ from a standard electromagnetic relay?
- ⤷ What is the maximum power consumption of this module during active switching?