SBS-44-R/E2
AI

The **SBS-44-R/E2** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) Micro-Switch** or an **Encoder/Switch assembly**, often used in automotive and industrial control panels.
Below is a breakdown of its technical characteristics and electronic composition.
---
### 1. General Specifications
The SBS-44-R/E2 is designed for high reliability and tactile feedback. Its nomenclature usually refers to its physical size, orientation, and electrical life.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Tactile Switch / Micro-Action Switch |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Orientation** | Right Angle (Side Actuated) |
| **Actuation Force** | Typically 1.6N to 2.5N (depending on specific revision) |
| **Contact Material** | Silver-plated or Gold-plated copper alloy |
---
### 2. Key Electronic Characteristics
These parts are engineered to handle low-power signal switching within logic circuits.
* **Switching Voltage:** Usually rated for **12V DC to 24V DC**.
* **Switching Current:** Optimized for low current, typically **50mA**.
* **Contact Resistance:** Initially very low (under 100mΩ) to ensure signal integrity.
* **Dielectric Strength:** Capable of withstanding 250V AC for one minute.
* **Insulation Resistance:** Minimum of 100MΩ at 100V DC.
---
### 3. Internal Construction
The "E2" suffix often denotes specific packaging or environmental sealing standards.
1. **The Dome:** A stainless steel or phosphor bronze "snap-dome" provides the tactile "click" and completes the circuit when pressed.
2. **The Housing:** High-temperature thermoplastic (LCP or Nylon) capable of withstanding **Reflow Soldering** temperatures (approx. 260°C).
3. **Terminals:** "R" in the part number often signifies a specific lead shape or orientation (Right-angle) to allow the switch to be mounted on the edge of a PCB.
---
### 4. Common Applications
Due to its robust design, the SBS-44-R/E2 is found in:
* **Automotive:** Steering wheel controls, window lifters, and infotainment buttons.
* **Consumer Electronics:** Camera shutter buttons or volume rockers.
* **Industrial:** Reset switches on embedded system boards.
---
- ⤷
What is the exact pinout configuration for the SBS-44-R/E2?
- ⤷ Is this component rated for automotive grade AEC-Q200 standards?
- ⤷ What are the recommended reflow soldering profiles for this specific part?