Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SBS-AB-R/Q

  • AI
    The **SBS-AB-R/Q** typically refers to a component within the **SBS (Silicon Bilateral Switch)** family or a specific industrial braking/sensor module depending on the manufacturer. Most commonly, in electronic circuit design, it refers to a **Bidirectional Thyristor Switch** used for triggering circuits. --- ### 1. Technical Overview The SBS is a voltage-triggered switch that acts like two identical Shockley diodes connected in anti-parallel. It is designed to provide a highly symmetrical trigger pulse. | Parameter | Characteristic | | :--- | :--- | | **Switching Voltage ($V_s$)** | Typically 7V to 9V | | **Switching Current ($I_s$)** | Low (typically < 500µA) | | **Configuration** | Bidirectional (AC compatible) | | **Temperature Stability** | High (0.01%/°C) | --- ### 2. Key Electronic Internal Parts The "AB" variant often signifies an integrated circuit structure that includes: * **Zener Diodes:** Used to define the precise switching voltage threshold. * **Transistor Pairs:** NPN and PNP transistors configured in a regenerative feedback loop. * **Gate Lead (G):** Unlike a standard DIAC, the SBS usually has a third terminal (Gate) which allows the user to lower the switching voltage or synchronize the pulse. --- ### 3. Comparison Table: SBS vs. DIAC The SBS-AB series is often chosen over standard DIACs for precision timing. | Feature | Standard DIAC | SBS (AB-R/Q Series) | | :--- | :--- | :--- | | **Symmetry** | ~3V difference | < 0.3V difference | | **Breakover Voltage** | 30V - 40V | 7V - 10V | | **Switching Speed** | Moderate | Very Fast | | **Gate Terminal** | No | Yes (Allows control) | --- ### 4. Typical Applications The **R/Q** suffix usually denotes the packaging type (e.g., Reel or Quad-pack). 1. **Phase Control:** Used in light dimmers and motor speed controllers. 2. **TRIAC Triggering:** Providing a clean, jitter-free pulse to fire high-power TRIACs. 3. **Timing Circuits:** Used in high-precision oscillators due to low temperature drift. --- ### 5. Implementation Example Below is a conceptual representation of how the SBS is integrated into a trigger circuit: ```c // Pseudo-Logic for Phase Control triggering if (AC_Voltage > SBS_Threshold_Voltage) { SBS_Conducts(); // Rapid drop in resistance Trigger_TRIAC_Gate(); // Fires the power component } else { SBS_Blocks(); // High impedance state } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q suffixes in terms of physical packaging?
    • ⤷ How does the Gate terminal allow for manual adjustment of the switching voltage?
    • ⤷ Can an SBS-AB be replaced by a standard DIAC in a motor control circuit?