Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SC000532-6-R4

  • AI
    The **SC000532-6-R4** is a specialized high-current contactor/connector assembly, commonly utilized in heavy-duty automotive, telecommunications, and industrial power distribution systems. It is part of the **PowerPole** or **SBE/SB** series ecosystem (often associated with brands like Anderson Power Products). Below is a breakdown of its technical specifications and electronic components. --- ### 1. Technical Specifications | Parameter | Description | | :--- | :--- | | **Current Rating** | Typically 50A to 80A (depending on wire gauge) | | **Voltage Rating** | 600V (AC/DC) | | **Contact Material** | Copper Alloy with Silver Plating | | **Housing Material** | Polycarbonate (High Impact) | | **Operating Temp** | -20°C to +105°C | | **Flammability** | UL94 V-0 | --- ### 2. Key Electronic Parts & Features #### A. Silver-Plated Copper Contacts The heart of the SC000532-6-R4 is the silver-plated contact. Silver provides the lowest electrical resistance, which is critical for preventing heat buildup during high-amperage power transfer. #### B. Sacrificial "Tips" The design includes a "sacrificial" tip at the end of the contact. When the connector is mated or unmated under load (hot-plugging), the resulting electrical arc occurs at the tip, preserving the primary conductive surface from erosion. #### C. Stainless Steel Spring Inside the housing, a stainless steel leaf spring maintains constant pressure against the contacts. This ensures: * **Low Contact Resistance:** Constant physical force keeps the connection tight. * **Wiping Action:** Every time the part is plugged in, the contacts rub against each other, cleaning off oxidation or debris. #### D. Genderless Housing The electronic assembly is "genderless," meaning there are no distinct male or female plugs. Two identical SC000532 units can mate with each other, simplifying inventory and preventing polarity mismatches. --- ### 3. Application Use Cases * **Battery Connections:** Used in UPS systems and electric forklifts. * **Renewable Energy:** Connecting solar arrays to charge controllers. * **Telecommunications:** DC power distribution in server racks. --- ### 4. Installation Reference (Wiring) ```bash # Recommended Wire Gauges for SC000532 Series: # 6 AWG (13.3 mm²) -> Maximum Current Efficiency # 8 AWG (8.4 mm²) -> Standard Load # 10 AWG (5.3 mm²) -> Reduced Load ```
    ✨ Follow-up Questions
    • ⤷ What are the crimping tool requirements for SC000532 contacts?
    • ⤷ How does the 'R4' revision differ from previous iterations?
    • ⤷ Can this connector be used in high-vibration environments?