SC08-11YWA..
AI

## SC08-11YWA Electronic Component Overview
The **SC08-11YWA** is a high-efficiency Yellow LED numeric display manufactured by Kingbright. It is widely used in digital clocks, instrument panels, and electronic appliances.
---
### 1. Key Technical Specifications
The following table outlines the fundamental electrical and physical characteristics of the SC08-11YWA:
| Parameter | Specification |
| :--- | :--- |
| **Display Type** | 7-Segment Single Digit |
| **Circuit Configuration** | Common Cathode |
| **Color** | Yellow (GaP/GaP) |
| **Character Height** | 0.8 inch (20.32 mm) |
| **Peak Wavelength** | 590 nm |
| **Forward Voltage (Typ)** | 2.1 V |
| **Forward Current (Max)** | 30 mA |
| **Luminous Intensity** | 3000 - 7000 µcd |
---
### 2. Physical Construction
The device is designed for durability and visibility:
* **Segment Material:** Gallium Phosphide (GaP) on a Yellow substrate.
* **Surface Finish:** Usually features a grey face with white segments to provide high contrast when the segments are off.
* **Package Type:** Through-hole (DIP) with standard pin spacing for PCB mounting.
---
### 3. Pinout & Internal Circuitry
The "SC" prefix indicates a **Common Cathode** configuration. This means all the negative terminals (cathodes) of the individual segment LEDs are tied together to a single pin (or pins), while the anodes are controlled individually.
#### Segment Layout
Standard 7-segment labeling applies:
* **A-G:** The seven segments forming the digit.
* **DP:** Decimal Point.
* **Common Pins:** Connected to the ground (GND) of the circuit.
---
### 4. Typical Application Example
To drive this display using an Arduino or Microcontroller, you must use current-limiting resistors to prevent burning out the LEDs.
```cpp
// Example: Displaying a '1' on SC08-11YWA (Common Cathode)
// Pins B and C must be HIGH, others LOW.
void setup() {
pinMode(2, OUTPUT); // Segment B
pinMode(3, OUTPUT); // Segment C
}
void loop() {
digitalWrite(2, HIGH);
digitalWrite(3, HIGH);
}
```
---
### 5. Features
* Low current operation.
* High light output.
* Excellent character appearance.
* Mechanically rugged.
* RoHS compliant.
- ⤷What is the difference between SC08-11YWA and SA08-11YWA?
- ⤷ What is the recommended resistor value for this display at 5V?
- ⤷ How do I multiplex multiple SC08-11YWA displays?