Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SC100-M20-R/400

  • AI
    The **SC100-M20-R/400** typically refers to a specialized industrial automation component, often associated with safety controllers or specific sensor modules (such as those from brands like SICK or similar industrial electronics manufacturers). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Category** | Industrial Controller / Safety Module | | **Input Voltage** | 24V DC (Standard Industrial Range) | | **Current Rating** | ~400mA (indicated by the /400 suffix) | | **Connection Type** | M12 or M20 threaded connector (Model dependent) | | **Output Type** | Relay Output (indicated by the "R") | | **Mounting** | DIN Rail or Panel Mount | --- ### 2. Electronic Component Breakdown #### A. Power Supply Unit (PSU) The device operates on a low-voltage DC system, typically **24V DC**. It includes internal voltage regulation to protect sensitive logic circuits from industrial electrical noise and voltage spikes. #### B. The "R" Designation (Relay) The **"R"** in the model name signifies that the device utilizes **Electromechanical Relays**. - **Function:** It provides physical isolation between the control logic and the load. - **Switching Capacity:** Usually rated for switching higher currents or voltages compared to transistor outputs. - **Safety:** Relays are often used in safety circuits to ensure a "dry contact" state. #### C. The "/400" Designation In electronic part numbering, this typically refers to a specific scale or limit: - **Maximum Current:** 400mA output capacity. - **Range:** In some sensing contexts, it may represent a **400mm** sensing range or a specific frequency response. #### D. Input/Output (I/O) Architecture - **Digital Inputs:** Designed to receive signals from PNP or NPN sensors. - **Status LEDs:** Integrated Light Emitting Diodes on the housing provide visual diagnostics for power, signal state, and fault conditions. --- ### 3. Connection Interface The **M20** part of the code refers to the mechanical interface for wiring: - **M20 Thread:** A standard metric size for cable glands, ensuring the internal electronics are sealed (IP65/67 rating) against dust and moisture. - **Terminals:** Internally, it features screw or spring-cage terminals for secure electronic connections in high-vibration environments. --- ### 4. Typical Applications * **Machine Safety:** Emergency stop monitoring. * **Signal Conversion:** Converting low-level sensor signals into high-power relay switching. * **Process Control:** Integrated into PLC (Programmable Logic Controller) systems as a remote I/O module.
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum switching voltage for the relay in this model?
    • ⤷ Does the SC100-M20-R/400 support NPN or PNP input logic?
    • ⤷ What is the IP rating for the M20 housing?