SC100-M20-R/600
AI

The **SC100-M20-R/600** is a specific model within the **Sick SC100 series** of high-precision linear encoders. These devices are used for absolute position measurement in industrial automation, utilizing a non-contact magnetic principle.
---
### 1. Technical Specifications
The following table highlights the core electronic and mechanical parameters of the device:
| Parameter | Specification |
| :--- | :--- |
| **Measurement Length** | 600 mm |
| **Communication Interface** | SSI (Synchronous Serial Interface) |
| **Output Type** | RS-422 (Differential) |
| **Resolution** | Typically down to 1 µm (depending on controller settings) |
| **Supply Voltage** | 10 V DC ... 32 V DC |
| **Connection Type** | M12, 8-pin male connector |
| **Repeatability** | ± 1 Digit |
---
### 2. Key Electronic Components & Functions
#### A. Magnetic Sensing Element
The "M" in the model name indicates a **Magnetic** sensing principle. The read head contains a Hall-effect sensor array that detects the magnetic poles of a coded tape (MB100 series). Unlike optical encoders, this electronic system is immune to dust, oil, and humidity.
#### B. SSI (Synchronous Serial Interface)
The **-R** designation indicates the data protocol.
* **Synchronous:** Data transmission is synchronized by a clock signal from the controller (PLC).
* **Reliability:** Uses differential signaling (RS-422) which provides high noise immunity over long cable runs.
* **Absolute Position:** The electronics provide the exact position immediately upon power-up without needing a reference run (homing).
#### C. Signal Processing
The internal circuitry performs **interpolation**. It takes the analog sine/cosine signals generated by the magnetic field and converts them into a high-resolution digital position word.
---
### 3. Pinout Configuration (M12, 8-pin)
| Pin | Signal | Color (Standard) | Description |
| :--- | :--- | :--- | :--- |
| 1 | GND | Blue | Ground (0V) |
| 2 | +Us | Brown | Supply Voltage (10-32V) |
| 3 | Clock + | Yellow | SSI Clock Input (+) |
| 4 | Clock - | Green | SSI Clock Input (-) |
| 5 | Data + | Pink | SSI Data Output (+) |
| 6 | Data - | Grey | SSI Data Output (-) |
| 7 | N/C | Blue | Not Connected |
| 8 | N/C | Red | Not Connected |
---
### 4. Application Considerations
* **EMC Protection:** The housing is typically shielded to prevent electromagnetic interference from high-power motors.
* **Environmental Rating:** The electronics are usually rated at **IP67**, meaning they are fully protected against dust and temporary immersion in water.
- ⤷
What is the maximum permissible speed for the SC100-M20-R/600 read head?
- ⤷ Which specific magnetic tape (MB100) is compatible with this 600mm model?
- ⤷ How do I configure the SSI clock frequency for this encoder in a Siemens TIA Portal environment?