Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SC1211

  • AI
    The **SC1211** is a high-speed, dual-channel MOSFET driver designed primarily for power management applications, such as synchronous buck converters and switching power supplies. It acts as the interface between a low-power PWM controller and high-power MOSFETs. --- ## 1. Key Specifications The following table summarizes the primary electrical characteristics of the SC1211: | Parameter | Value | | :--- | :--- | | **Supply Voltage (Vcc)** | 4.5V to 13.2V | | **Output Channels** | 2 (Dual) | | **Peak Output Current** | ~1A to 2A (Source/Sink) | | **Rise/Fall Time** | 20ns (typical) | | **Propagation Delay** | < 40ns | | **Package Types** | SOIC-8, MSOP-8 | --- ## 2. Core Functional Blocks The internal circuitry of the SC1211 is engineered for speed and efficiency. The main electronic sections include: ### A. Input Logic The device features logic-level inputs (usually TTL/CMOS compatible). It interprets the PWM signals from the controller to determine when to turn the MOSFETs ON or OFF. ### B. Level Shifting Since the High-Side MOSFET often requires a gate voltage higher than the input supply, the driver includes internal level-shifting circuitry to translate the low-voltage control signal to the required gate drive level. ### C. Shoot-Through Protection (Cross-Conduction) One of the most critical electronic features is the **dead-time control**. It ensures that the High-Side and Low-Side MOSFETs are never ON at the same time, which would cause a short circuit (shoot-through) across the power rails. ### D. Output Drivers The output stage consists of high-current "totem-pole" transistors. These are designed to quickly charge and discharge the gate capacitance ($C_{iss}$) of power MOSFETs, minimizing switching losses. --- ## 3. Typical Pin Configuration Most versions of the SC1211 follow a standard 8-pin layout: 1. **VCC**: Power supply input. 2. **IN_A**: Control signal for Channel A. 3. **OUT_A**: Gate drive output for Channel A. 4. **GND**: Common ground. 5. **OUT_B**: Gate drive output for Channel B. 6. **IN_B**: Control signal for Channel B. 7. **NC/V_ref**: Often no connection or a reference voltage. 8. **BST (Optional)**: Bootstrap pin for high-side drive applications. --- ## 4. Application Use-Case The SC1211 is most commonly used in **Synchronous Buck Regulators** for PC motherboards and industrial power modules. ```mermaid graph LR PWM_Controller --> SC1211 SC1211 --> High_Side_MOSFET SC1211 --> Low_Side_MOSFET High_Side_MOSFET --> Output_Inductor Low_Side_MOSFET --> Output_Inductor ``` ---
    ✨ Follow-up Questions
    • What are the main differences between the SC1211 and the SC1211A variants?
    • How do you calculate the power dissipation of the SC1211 in a high-frequency circuit?
    • What is the recommended value for the decoupling capacitor on the VCC pin?