SC1592IMTR
AI

## SC1592IMTR: High-Performance Low Dropout Regulator (LDO)
The **SC1592IMTR** is a high-performance, positive voltage regulator designed specifically for applications requiring high current and low dropout voltage. It is commonly used in power management for microprocessors, high-speed interfaces, and memory termination.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Semtech |
| **Output Current** | Up to 3.0A |
| **Input Voltage Range** | 1.92V to 16V |
| **Dropout Voltage** | ~260mV @ 3A |
| **Package Type** | TO-263-7 (Surface Mount) |
| **Operating Temp Range** | 0°C to +125°C |
| **Adjustable Output** | 1.25V to Input Voltage (minus dropout) |
---
### 2. Functional Electronic Parts & Features
The SC1592IMTR integrates several critical electronic components and circuits into a single IC:
#### A. Internal Reference Voltage
It contains a precision bandgap reference (typically **1.25V**). This serves as the baseline for the feedback loop to ensure output stability regardless of temperature or input fluctuations.
#### B. Pass Transistor
The core of the device is a large internal power transistor (usually a PNP or P-channel MOSFET structure). This part handles the heavy lifting of passing up to 3 Amps of current while maintaining a very low voltage drop.
#### C. Control & Feedback Loop
* **Error Amplifier:** Compares the feedback voltage from the output (via an external resistor divider) to the internal reference.
* **FB Pin:** The Feedback pin allows the user to set the output voltage using external resistors ($R1$ and $R2$).
#### D. Protection Circuits
* **Thermal Shutdown:** Protects the IC from melting if the power dissipation causes the junction temperature to exceed safe limits.
* **Current Limiting:** Prevents damage to the regulator and the load in the event of a short circuit.
---
### 3. Pin Configuration
The TO-263-7 package layout typically includes:
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | **BST** | Bootstrap - used to drive the internal pass element. |
| 2 | **VIN** | Input Supply Voltage. |
| 3 | **VO** | Regulated Output Voltage. |
| 4 | **GND** | Ground reference (and thermal sink). |
| 5 | **ADJ** | Feedback/Adjust pin for setting output voltage. |
| 6 | **EN** | Enable pin (Active High). |
| 7 | **PWRGD** | Power Good indicator signal. |
---
### 4. Typical Application Circuit Example
To set the output voltage, the following formula is used:
`Vout = 1.25 * (1 + R1 / R2)`
```python
# Example Calculation for 2.5V Output
v_ref = 1.25
r1 = 1000 # Ohms
r2 = 1000 # Ohms
v_out = v_ref * (1 + r1 / r2)
print(f"Output Voltage: {v_out}V")
```
---
- ⤷What are the recommended capacitor types for SC1592IMTR stability?
- ⤷ How does the Power Good (PWRGD) pin function in a system sequence?
- ⤷ What are the primary thermal considerations for the TO-263 package?